Electronic Components Datasheet Search
  English  ▼

X  

MDW Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # MDW
Description  20 Watts DC/DC Converter Single and Dual Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MDW Datasheet(HTML) 6 Page - Wall Industries,Inc.

  MDW Datasheet HTML 1Page - Wall Industries,Inc. MDW Datasheet HTML 2Page - Wall Industries,Inc. MDW Datasheet HTML 3Page - Wall Industries,Inc. MDW Datasheet HTML 4Page - Wall Industries,Inc. MDW Datasheet HTML 5Page - Wall Industries,Inc. MDW Datasheet HTML 6Page - Wall Industries,Inc. MDW Datasheet HTML 7Page - Wall Industries,Inc. MDW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev C
MDW SERIES
20 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 8
REMOTE ON/OFF CONTROL
The remote ON/OFF pin allows the user to turn the DC/DC power module on during a logic high and off during a logic low. Figure 3 gives several
examples of acceptable configurations. The remote ON/OFF pin is an open collector/drain logic input signal (Von/off) that has -Vin as the reference
voltage. If not using the remote on/off feature, open the circuit between the on/off pin and the -input pin to turn the module on.
REMOTE ON/OFF IMPLEMENTATION
Isolated-Closure Remote ON/OFF
Level Control Using TTL Output
Level Control Using Line Voltage
OUTPUT VOLTAGE ADJUSTMENT
Output voltage set point adjustment allows the user to increase or decrease the output voltage set point of a module. This is
accomplished by connecting an external resistor between the TRIM pin and either the +Vout or -Vout pins. With an external resistor
between the TRIM and -Vout pin, the output voltage set point increases. With an external resistor between the TRIM and +Vout pin,
the output voltage set point decreases.
Figure 4
MDWxxS3.3-5500
MDWxxS5-4000
Trim
Trimup
Rup
Trimdown
Rdown
1%
3.333V
57.930
kΩ
3.267V
69.470
kΩ
2%
3.366V
26.165
kΩ
3.234V
31.235
kΩ
3%
3.399V
15.577
kΩ
3.201V
18.490
kΩ
4%
3.432V
10.283
kΩ
3.168V
12.117
kΩ
5%
3.465V
7.106
kΩ
3.135V
8.294
kΩ
6%
3.498V
4.988
kΩ
3.102V
5.745
kΩ
7%
3.531V
3.476
kΩ
3.069V
3.924
kΩ
8%
3.564V
2.341
kΩ
3.036V
2.559
kΩ
9%
3.597V
1.459
kΩ
3.003V
1.497
kΩ
10%
3.630V
0.753
kΩ
2.970V
0.647
kΩ
Trim
Trimup
Rup
Trimdown
Rdown
1%
5.050V
36.570
kΩ 4.950V
45.533
kΩ
2%
5.100V
16.580
kΩ 4.900V
20.612
kΩ
3%
5.150V
9.917
kΩ
4.850V
12.306
kΩ
4%
5.200V
6.585
kΩ
4.800V
8.152
kΩ
5%
5.250V
4.586
kΩ
4.750V
5.660
kΩ
6%
5.300V
3.253
kΩ
4.700V
3.999
kΩ
7%
5.350V
2.302
kΩ
4.650V
2.812
kΩ
8%
5.400V
1.588
kΩ
4.600V
1.922
kΩ
9%
5.450V
1.032
kΩ
4.550V
1.230
kΩ
10%
5.500V
0.588
kΩ
4.500V
0.676
kΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com