Electronic Components Datasheet Search
  English  ▼

X  

MP1471 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1471
Description  High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1471 Datasheet HTML 9Page - Monolithic Power Systems MP1471 Datasheet HTML 10Page - Monolithic Power Systems MP1471 Datasheet HTML 11Page - Monolithic Power Systems MP1471 Datasheet HTML 12Page - Monolithic Power Systems MP1471 Datasheet HTML 13Page - Monolithic Power Systems MP1471 Datasheet HTML 14Page - Monolithic Power Systems MP1471 Datasheet HTML 15Page - Monolithic Power Systems MP1471 Datasheet HTML 16Page - Monolithic Power Systems MP1471 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP1471 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471 Rev. 1.01
www.MonolithicPower.com
16
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
C1
25V
GND
GND
GND
GND
GND
GND
GND
EN
VOUT
VIN
100k
R5
NS
R6
0
R4
C4
C2A
C2
NS
C3
L1
SW
NS
R3
40.2K
R1
32.4K
R2
GND
GND
GND
GND
75K
R7
1.8V
NS
C5
25V
C6
MP1471
3
5
6
2
4
BST
SW
IN
GND
FB
EN
Figure 92: 12VIN, 1.8V/3A
C1
25V
GND
GND
GND
GND
GND
GND
GND
EN
VOUT
VIN
100k
R5
NS
R6
0
R4
C4
C2A
C2
NS
C3
L1
SW
NS
R3
20.5K
R1
41.2K
R2
GND
GND
GND
GND
120K
R7
1.2V
NS
C5
25V
C6
MP1471
3
5
6
2
4
BST
SW
IN
GND
FB
EN
Figure 103: 12VIN, 1.2V/3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com