Electronic Components Datasheet Search
  English  ▼

X  

MP1471 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1471
Description  High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1471 Datasheet HTML 1Page - Monolithic Power Systems MP1471 Datasheet HTML 2Page - Monolithic Power Systems MP1471 Datasheet HTML 3Page - Monolithic Power Systems MP1471 Datasheet HTML 4Page - Monolithic Power Systems MP1471 Datasheet HTML 5Page - Monolithic Power Systems MP1471 Datasheet HTML 6Page - Monolithic Power Systems MP1471 Datasheet HTML 7Page - Monolithic Power Systems MP1471 Datasheet HTML 8Page - Monolithic Power Systems MP1471 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP1471
High-Efficiency, 3A Peak,
16V, 500kHz Synchronous,
Step-Down Converter In a 6-Pin TSOT 23
MP1471 Rev. 1.01
www.MonolithicPower.com
1
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1471 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a very
compact solution to achieve a 3A peak output
current over a wide input supply range, with
excellent load and line regulation. The MP1471
has synchronous-mode operation for higher
efficiency over the output current-load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Protection
features
include
over-current
protection and thermal shutdown.
The MP1471 requires a minimal number of
readily-available,
standard,
external
components and is available in a space-saving
6-pin TSOT23 package.
FEATURES
• Wide 4.7V-to-16V Operating Input Range
• 150mΩ/70mΩ Low-RDS(ON) Internal Power
MOSFETs
• Proprietary Switching-Loss–Reduction
Technology
• High-Efficiency Synchronous-Mode
Operation
• Fixed 500kHz Switching Frequency
• Internal AAM Power-Save Mode for High
Efficiency at Light Load
• Internal Soft-Start
• Over-Current Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in a 6-pin TSOT-23 package
APPLICATIONS
• Game Consoles
• Digital Set-Top Boxes
• Flat-Panel Television and Monitors
• General Purposes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
R2
13k
R1
40.2k
R3
40.2k
IN
U1
GND
MP1471
1
4
VOUT
2
6
3
5
EN
FB
SW
BST
3.3V
EN
GND
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10


Similar Part No. - MP1471

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471AGJ MPS-MP1471AGJ Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
More results

Similar Description - MP1471

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com