Electronic Components Datasheet Search
  English  ▼

X  

MP1471 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1471
Description  High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1471 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1471 Datasheet HTML 9Page - Monolithic Power Systems MP1471 Datasheet HTML 10Page - Monolithic Power Systems MP1471 Datasheet HTML 11Page - Monolithic Power Systems MP1471 Datasheet HTML 12Page - Monolithic Power Systems MP1471 Datasheet HTML 13Page - Monolithic Power Systems MP1471 Datasheet HTML 14Page - Monolithic Power Systems MP1471 Datasheet HTML 15Page - Monolithic Power Systems MP1471 Datasheet HTML 16Page - Monolithic Power Systems MP1471 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP1471 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1471 Rev. 1.01
www.MonolithicPower.com
14
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2—Design Example
VIN
12V
VOUT
3.3V
Io
2.5A
The detailed application schematic is shown in
Figure 9. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com