Electronic Components Datasheet Search
  English  ▼

X  

MP1474S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1474S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1474S Datasheet HTML 7Page - Monolithic Power Systems MP1474S Datasheet HTML 8Page - Monolithic Power Systems MP1474S Datasheet HTML 9Page - Monolithic Power Systems MP1474S Datasheet HTML 10Page - Monolithic Power Systems MP1474S Datasheet HTML 11Page - Monolithic Power Systems MP1474S Datasheet HTML 12Page - Monolithic Power Systems MP1474S Datasheet HTML 13Page - Monolithic Power Systems MP1474S Datasheet HTML 14Page - Monolithic Power Systems MP1474S Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP1474S – HIGH-EFFICIENCY, 2A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1474S Rev.1.0
www.MonolithicPower.com
11
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP1474S is a high-frequency, synchronous,
rectified, step-down, switch-mode converter with
built-in power MOSFETs. It offers a compact
solution that achieves a 2A continuous output
current with excellent load and line regulation
over a 4.5V to 16V input-supply range.
The MP1474S has three working modes:
advanced asynchronous modulation (AAM) mode,
discontinuous conduction mode (DCM), and
continuous conduction mode (CCM). The load
current increases as the device operates from
AAM mode to DCM to CCM.
AAM Control Operation
In a light-load condition, MP1474S works in
advanced asynchronous modulation (AAM) mode
(see Figure 2). The VAAM is an internally fixed
voltage when input and output voltages are fixed.
VCOMP is the error amplifier output (which
represents the peak inductor-current information).
When VCOMP is lower than VAAM, the internal clock
is blocked. This causes the MP1474S to skip
pulses, achieving the light-load power save.
Refer to AN032 for additional details.
The internal clock re-sets every time VCOMP is
higher than VAAM. At the same time, the high-side
MOSFET (HS-FET) turns on and remains on until
VILsense reaches the value set by VCOMP.
The light-load feature in this device is optimized
for 12V input applications.
Figure 2. Simplified AAM Control Logic
DCM Control Operation
The VCOMP voltage ramps up as the output
current increases. When its minimum value
exceeds VAAM, the device enters discontinuous
conduction mode (DCM). In DCM, the internal
clock initiates the PWM cycle, the
HS-FET turns on and remains on until VILsense
reaches the value set by VCOMP (after a period of
dead time), and the low-side MOSFET (LS-FET)
turns on and remains on until the inductor-current
value decreases to zero. The device repeats the
same operation in every clock cycle to regulate
the output voltage (see Figure 3).
IL
Figure 3. DCM Control Operation
CCM Control Operation
The device enters continuous conduction mode
(CCM) from DCM once the inductor current no
longer drops to zero in a clock cycle. In CCM, the
internal clock initiates the PWM cycle, the HS-
FET turns on and remains on until VILsense
reaches the value set by VCOMP (after a period of
dead time), and the LS-FET turns on and
remains on until the next clock cycle begins. The
device repeats the same operation in every clock
cycle to regulate the output voltage.
If VILsense does not reach the value set by VCOMP
within 95% of one PWM period, the HS-FET is
forced off.
Internal Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator is supplied by
VIN and operates in the full VIN range. When VIN
exceeds 5V, the output of the regulator is in full
regulation. When VIN is less than 5V, the output
decreases, and the device requires a 0.1µF
ceramic decoupling capacitor.
Error Amplifier (EA)
The error amplifier compares the FB voltage to
the internal 0.807V reference (VREF) and outputs
a current proportional to the difference between
the two. This output current then charges or
discharges the internal compensation network to
form the COMP voltage, which controls the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com