Electronic Components Datasheet Search
  English  ▼

X  

MP1474S Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1474S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474S Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1474S Datasheet HTML 9Page - Monolithic Power Systems MP1474S Datasheet HTML 10Page - Monolithic Power Systems MP1474S Datasheet HTML 11Page - Monolithic Power Systems MP1474S Datasheet HTML 12Page - Monolithic Power Systems MP1474S Datasheet HTML 13Page - Monolithic Power Systems MP1474S Datasheet HTML 14Page - Monolithic Power Systems MP1474S Datasheet HTML 15Page - Monolithic Power Systems MP1474S Datasheet HTML 16Page - Monolithic Power Systems MP1474S Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP1474S – HIGH-EFFICIENCY, 2A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1474S Rev.1.0
www.MonolithicPower.com
13
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Over-Current Protection (OCP) and Hiccup
The MP1474S has a cycle-by-cycle over-
current limit when the inductor current peak
value exceeds the set current-limit threshold.
Meanwhile, the output voltage drops until VFB is
below the under-voltage (UV) threshold (50%
below the reference, typically). Once UV is
triggered, the MP1474S enters hiccup mode to
re-start the part periodically. This protection
mode is useful when the output is dead-shorted
to ground and greatly reduces the average
short-circuit current to alleviate thermal issues
and protect the regulator. The MP1474S exits
hiccup mode once the over-current condition is
removed.
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the die temperature exceeds 150°C, it
shuts down the whole chip. When the
temperature drops below its lower threshold,
(130°C, typically), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The UVLO
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M1, R3,
C4, L1, and C2 (see Figure 6). If (VIN-VSW)
exceeds 5V, U1 regulates M1 to maintain a 5V
BST voltage across C4. It is recommended
strongly to place a 20Ω resistor between the
SW and BST cap to reduce SW spike voltage.
VIN
D1
5V
M1
U1
BST
C4
SW
L1
VOUT
C2
R3
Figure 6. Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and VEN/SYNC exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltage and currents, then the internal regulator
is enabled. The regulator provides a stable
supply for the remaining circuitries.
Three events can shut down the chip: VEN/SYNC
low, VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com