Electronic Components Datasheet Search
  English  ▼

X  

MP1474S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1474S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1474S Datasheet HTML 8Page - Monolithic Power Systems MP1474S Datasheet HTML 9Page - Monolithic Power Systems MP1474S Datasheet HTML 10Page - Monolithic Power Systems MP1474S Datasheet HTML 11Page - Monolithic Power Systems MP1474S Datasheet HTML 12Page - Monolithic Power Systems MP1474S Datasheet HTML 13Page - Monolithic Power Systems MP1474S Datasheet HTML 14Page - Monolithic Power Systems MP1474S Datasheet HTML 15Page - Monolithic Power Systems MP1474S Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP1474S – HIGH-EFFICIENCY, 2A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1474S Rev.1.0
www.MonolithicPower.com
12
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
power MOSFET current. The optimized, internal
compensation network minimizes the external
component count and simplifies the control loop
design.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator on and off. Drive EN/SYNC high to turn
on the regulator; drive EN/SYNC low to turn off
the regulator. An internal 1MΩ resistor from
EN/SYNC to GND allows EN/SYNC to be floated
to shut down the chip.
EN/SYNC is clamped internally using a 6.5V
series-Zener-diode (see Figure 4). Connecting
EN/SYNC through a pull-up resistor to the
voltage on IN limits the EN/SYNC input current to
less than 100µA.
For example, with 12V connected to IN, RPULLUP ≥
(12V – 6.5V) ÷ 100µA = 55kΩ.
Connecting EN/SYNC directly to a voltage
source without a pull-up resistor requires limiting
the amplitude of the voltage source to ≤6V to
prevent damage to the Zener diode.
Figure 4. 6.5V Zener Diode Connection
For external clock synchronization, connect a
clock with a frequency range between 300kHz
and 2MHz. The internal clock rising edge
synchronizes with the external clock rising edge.
Select an external clock signal with a pulse width
less than 1.7μs.
Under-Voltage Lockout (UVLO)
The
MP1474S
has
under-voltage
lockout
protection (UVLO). When the VCC voltage
exceeds the UVLO rising threshold voltage, the
device begins to power up. It shuts off when the
VCC voltage drops below the UVLO falling
threshold voltage. This is non-latch protection.
The MP1474S is disabled when the input voltage
falls below 3.2V. If an application requires a
higher under-voltage lockout (UVLO) threshold,
use EN/SYNC to adjust the input voltage UVLO
by using two external resistors (see Figure 5).
For best results, set the UVLO falling threshold
(VSTOP) above 4.5V using the enable resistors.
Set the rising threshold (VSTART) to provide
enough hysteresis to allow for input-supply
variations.
REN_UP
REN_DOWN EN/SYNC
Figure 5
. Adjustable UVLO
Internal Soft-Start
The soft-start prevents the converter output
voltage from overshooting during start-up. When
the chip starts up, the internal circuitry generates
a soft-start voltage (VSS) that ramps up from 0V
to 1.2V. When VSS is less than VREF, the error
amplifier uses VSS as the reference. When VSS
exceeds VREF, the error amplifier uses VREF as
the reference. The SS time is set internally to
1.2ms.
Pre-Bias Start-Up
The MP1474S is designed for a monotonic start-
up into pre-biased loads. If the output is pre-
biased to a certain voltage during start-up, the
BST voltage is refreshed and charged. Also, the
voltage on the soft-start capacitor is charged. If
BST voltage exceeds its rising threshold voltage,
and the soft-start capacitor voltage exceeds the
sensed-output voltage at FB, the device starts to
operate normally.
Power Good Indicator (PG)
MP1474S has an open-drain pin as the power
good indicator (PG). Pull PG up to VCC (or
another external source) through a 100kΩ
resistor. When VFB exceeds 90% of VREF, PG
goes high (after a 0.6ms delay time). If VFB goes
below 85% of VREF, an internal MOSFET pulls
PG down to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com