Electronic Components Datasheet Search
  English  ▼

X  

ATAR892 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATAR892
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR892 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATAR892 Datasheet HTML 10Page - ATMEL Corporation ATAR892 Datasheet HTML 11Page - ATMEL Corporation ATAR892 Datasheet HTML 12Page - ATMEL Corporation ATAR892 Datasheet HTML 13Page - ATMEL Corporation ATAR892 Datasheet HTML 14Page - ATMEL Corporation ATAR892 Datasheet HTML 15Page - ATMEL Corporation ATAR892 Datasheet HTML 16Page - ATMEL Corporation ATAR892 Datasheet HTML 17Page - ATMEL Corporation ATAR892 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
14
ATAR092/ATAR892
4535C–4BMCU–02/04
The clock module is programmable via software with the clock management register
(CM) and the system configuration register (SC). The required oscillator configuration
can be selected with the OS1-bit and the OS0-bit in the SC-register. A programmable 4-
bit divider stage allows the adjustment of the system clock speed. A special feature of
the clock management is that an external oscillator may be used and switched on and
off via a port pin for the power-down mode. Before the external clock is switched off, the
internal RC-oscillator 1 must be selected with the CCS-bit and then the SLEEP mode
may be activated. In this state an interrupt can wake up the controller with the RC-oscil-
lator, and the external oscillator can be activated and selected by software. A
synchronization stage avoids too short clock periods if the clock source or the clock
speed is changed. If an external input clock is selected, a supervisor circuit monitors the
external input and generates a hardware reset if the external clock source fails or drops
below 500 kHz for more than 1 ms.
Figure 14.
Clock Module
The clock module generates two output clocks. One is the system clock (SYSCL) and
the other the periphery (SUBCL). The SYSCL can supply the core and the peripherals
and the SUBCL can supply only the peripherals with clocks. The modes for clock
sources are programmable with the OS1-bit and OS0-bit in the SC-register and the
CCS-bit in the CM-register.
Ext. clock
ExIn
ExOut
Stop
RC oscillator2
RCOut2
Stop
R
Trim
4-MHz oscillator
4Out
Stop
Oscin
Oscout
Oscin
Oscout
32-kHz oscillator
32Out
Oscin
Oscout
RC
oscillator 1
RCOut1
Control
Stop
IN1
IN2
Cin
/2
/2
/2
/2
Divider
Sleep
WDL
Osc-Stop
NSTOP
CCS
CSS1
CSS0
CM:
BOT
- - -
OS1
OS0
SUBCL
SYSCL
SC
*
OSC1
*
OSC2
*
mask option
Cin/16
32 kHz
Table 5.
Clock Modes
Mode
OS1
OS0
Clock Source for SYSCL
Clock Source
for SUBCL
CCS = 1
CCS = 0
1
1
1
RC-oscillator 1 (internal)
External input clock
C
in/16
2
0
1
RC-oscillator 1 (internal)
RC-oscillator 2 with
external trimming resistor
C
in/16
3
1
0
RC-oscillator 1 (internal)
4-MHz oscillator
C
in/16
4
0
0
RC-oscillator 1 (internal)
32-kHz oscillator
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com