Electronic Components Datasheet Search
  English  ▼

X  

ATAR892 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATAR892
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR892 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATAR892 Datasheet HTML 29Page - ATMEL Corporation ATAR892 Datasheet HTML 30Page - ATMEL Corporation ATAR892 Datasheet HTML 31Page - ATMEL Corporation ATAR892 Datasheet HTML 32Page - ATMEL Corporation ATAR892 Datasheet HTML 33Page - ATMEL Corporation ATAR892 Datasheet HTML 34Page - ATMEL Corporation ATAR892 Datasheet HTML 35Page - ATMEL Corporation ATAR892 Datasheet HTML 36Page - ATMEL Corporation ATAR892 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
33
ATAR092/ATAR892
4535C–4BMCU–02/04
Timer 2
Timer 2 is an 8-/12-bit timer used for:
•
Interrupt, square-wave, pulse and duty cycle generation
•
Baud-rate generation for the internal shift register
•
Manchester and Bi-phase modulation together with the SSI
•
Carrier frequency generation and modulation together with the SSI
Timer 2 can be used as interval timer for interrupt generation, as signal generator or as
baud-rate generator and modulator for the serial interface. It consists of a 4-bit and an
8-bit up counter stage which both have compare registers. The 4-bit counter stages of
Timer 2 are cascadable as 12-bit timer or as 8-bit timer with 4-bit prescaler. The timer
can also be configured as 8-bit timer and separate 4-bit prescaler.
The Timer 2 input can be supplied via the system clock, the external input clock (T2I),
the Timer 1 output clock, the Timer 3 output clock or the shift clock of the serial inter-
face. The external input clock T2I is not synchronized with SYSCL. Therefore, it is
possible to use Timer 2 with a higher clock speed than SYSCL. Furthermore with that
input clock the Timer 2 operates in the power-down mode SLEEP (CPU core -> sleep
and OSC-Stop -> yes) as well as in the POWER-DOWN (CPU core -> sleep and
OSC-Stop -> no). All other clock sources supplied no clock signal in SLEEP if
NSTOP = 0. The 4-bit counter stages of Timer 2 have an additional clock output
(POUT).
Its output has a modulator stage that allows the generation of pulses as well as the gen-
eration and modulation of carrier frequencies. The Timer 2 output can modulate with the
shift register data output to generate Bi-phase- or Manchester code.
If the serial interface is used to modulate a bitstream, the 4-bit stage of Timer 2 has a
special task. The shift register can only handle bitstream lengths divisible by 8. For other
lengths, the 4-bit counter stage can be used to stop the modulator after the right bitcount
is shifted out.
If the timer is used for carrier frequency modulation, the 4-bit stage works together with
an additional 2-bit duty cycle generator like a 6-bit prescaler to generate carrier fre-
quency and duty cycle. The 8-bit counter is used to enable and disable the modulator
output for a programmable count of pulses.
For programming the time interval, the timer has a 4-bit and an 8-bit compare register.
For programming the timer function, it has four mode and control registers. The compar-
ator output of stage 2 is controlled by a special compare mode register (T2CM). This
register contains mask bits for the actions (counter reset, output toggle, timer interrupt)
which can be triggered by a compare match event or the counter overflow. This archi-
tecture enables the timer function for various modes.
The Timer 2 has a 4-bit compare register (T2CO1) and an 8-bit compare register
(T2CO2). Both these compare registers are cascadable as a 12-bit compare register, or
8-bit compare register and 4-bit compare register.
Table 16. Watchdog Time Control Bits
WDT1
WDT0
Divider
Delay Time to Reset with
SUBCL = 32 kHz
Delay Time to Reset with
SYSCL = 2/1 MHz
0
0
512
15.625 ms
0.256 ms/0.512 ms
0
1
2048
62.5 ms
1.024 ms/2.048 ms
1
0
16384
0.5 s
8.2 ms/16.4 ms
1
1
131072
4 s
65.5 ms/131 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com