Electronic Components Datasheet Search
  English  ▼

X  

ATAR892 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAR892
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR892 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAR892 Datasheet HTML 14Page - ATMEL Corporation ATAR892 Datasheet HTML 15Page - ATMEL Corporation ATAR892 Datasheet HTML 16Page - ATMEL Corporation ATAR892 Datasheet HTML 17Page - ATMEL Corporation ATAR892 Datasheet HTML 18Page - ATMEL Corporation ATAR892 Datasheet HTML 19Page - ATMEL Corporation ATAR892 Datasheet HTML 20Page - ATMEL Corporation ATAR892 Datasheet HTML 21Page - ATMEL Corporation ATAR892 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
18
ATAR092/ATAR892
4535C–4BMCU–02/04
System configuration Register
(SC)
Note:
If the bit CCS = 0 in the CM-register the RC-oscillator 1 always stops.
Primary register address: ’3’hex
Bit 3Bit 2Bit 1Bit 0
SC: write
BOT
–
OS1
OS0
Reset value: 1x11b
BOT
Brown-Out Threshold
BOT = 1, low brown-out voltage threshold (1.7 V)
BOT = 0, high brown-out voltage threshold (2.0 V)
OS1
Oscillator Select 1
OS0
Oscillator Select 0
Table 8.
Oscillator Select
Mode
OS1
OS0
Input for SUBCL
Selected Oscillators
11
1
C
in/16
RC-oscillator 1 and external input clock
20
1
C
in/16
RC-oscillator 1 and RC-oscillator 2
31
0
C
in/16
RC-oscillator 1 and 4-MHz crystal oscillator
40
0
32 kHz
RC-oscillator 1 and 32-kHz crystal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com