Electronic Components Datasheet Search
  English  ▼

X  

MP2131GG Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2131GG
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131GG Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2131GG Datasheet HTML 3Page - Monolithic Power Systems MP2131GG Datasheet HTML 4Page - Monolithic Power Systems MP2131GG Datasheet HTML 5Page - Monolithic Power Systems MP2131GG Datasheet HTML 6Page - Monolithic Power Systems MP2131GG Datasheet HTML 7Page - Monolithic Power Systems MP2131GG Datasheet HTML 8Page - Monolithic Power Systems MP2131GG Datasheet HTML 9Page - Monolithic Power Systems MP2131GG Datasheet HTML 10Page - Monolithic Power Systems MP2131GG Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP2131 – 4 A, 5.5 V, 1.2 MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2131 Rev.1.0
www.MonolithicPower.com
7
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the design example section.
VIN = 5 V, VOUT = 1.2 V, L = 1 µH, TA = +25ºC, unless otherwise noted.
VOUT
500mV/div.
VIN
2V/div.
VSW
2V/div.
IINDUCTOR
1A/div.
VOUT
500mV/div.
VIN
2V/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
VOUT
500mV/div.
VIN
2V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
500mV/div.
VIN
2V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
500mV/div.
VEN
5V/div.
VSW
2V/div.
VOUT
500mV/div.
VEN
5V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
500mV/div.
VOUT/AC
50mV/div.
VEN
5V/div.
VSW
5V/div.
IINDUCTOR
5A/div.
VSW
2V/div.
IINDUCTOR
1A/div.
VOUT
500mV/div.
VEN
5V/div.
VSW
5V/div.
IINDUCTOR
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com