Electronic Components Datasheet Search
  English  ▼

X  

MP2131GG Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2131GG
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131GG Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2131GG Datasheet HTML 8Page - Monolithic Power Systems MP2131GG Datasheet HTML 9Page - Monolithic Power Systems MP2131GG Datasheet HTML 10Page - Monolithic Power Systems MP2131GG Datasheet HTML 11Page - Monolithic Power Systems MP2131GG Datasheet HTML 12Page - Monolithic Power Systems MP2131GG Datasheet HTML 13Page - Monolithic Power Systems MP2131GG Datasheet HTML 14Page - Monolithic Power Systems MP2131GG Datasheet HTML 15Page - Monolithic Power Systems MP2131GG Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2131 – 4 A, 5.5 V, 1.2 MHZ SYNCHRONOUS STEP-DOWN CONVERTER
MP2131 Rev.1.0
www.MonolithicPower.com
14
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
(7)
Selecting the Output Capacitor
The output capacitor (C2) is required to maintain
the DC output voltage.
Low ESR ceramic capacitors can be used to
keep the output ripple low. Generally, a 22 μF
output ceramic capacitor will suffice. For a higher
output voltage condition, a 47 μF capacitor may
be needed for a more stable system.
When using ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is caused
mainly by the capacitance. For simplification, the
output voltage ripple can be estimated with
Equation (8):
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
(8)
When using tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated with Equation (9)
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
(9)
The characteristics of the output capacitor affect
the stability of the regulation system.
PCB Layout Guidelines
Efficient PCB layout is critical for stable operation.
For best results, refer to Figure 5 and follow the
guidelines below:
1. Place the input decoupling capacitor as
close as possible to the IC pins (a 0805
ceramic capacitor is used).
2. Ensure the two ends of the ceramic
capacitor are connected directly to PVIN
(pin 1) and PGND (pin 3).
Figure 5—Recommended PCB layout: Connect
two ends of the input decoupling capacitor close
to pin 1 and pin 3
Design Example
Table 2 shows a design example when ceramic
capacitors are applied.
Table 2—Design example
The detailed application schematic is shown in
Figure 6. The typical performance and waveforms
have been shown in the “Typical Characteristics”
section. For additional device applications, please
refer to the related evaluation board datasheet.
VIN
5 V
VOUT
1.2 V
IOUT
4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com