Electronic Components Datasheet Search
  English  ▼

X  

MP2131GG Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2131GG
Description  High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131GG Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2131GG Datasheet HTML 8Page - Monolithic Power Systems MP2131GG Datasheet HTML 9Page - Monolithic Power Systems MP2131GG Datasheet HTML 10Page - Monolithic Power Systems MP2131GG Datasheet HTML 11Page - Monolithic Power Systems MP2131GG Datasheet HTML 12Page - Monolithic Power Systems MP2131GG Datasheet HTML 13Page - Monolithic Power Systems MP2131GG Datasheet HTML 14Page - Monolithic Power Systems MP2131GG Datasheet HTML 15Page - Monolithic Power Systems MP2131GG Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2131 – 4A, 5.5V, 1.2MHZ SYNCHRONOUS STEP-DOWN SWITCHER
MP2131 Rev.1.0
www.MonolithicPower.com
12
5/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
to ground by an internal MOSFET. The
MOSFET as a maximum Rdson of less than
100 Ω.
Current Limit
The MP2131 has a typical 7.5 A current limit for
the HS-FET and a 3.5 A current limit for the LS-
FET. Once the HS-FET hits the current limit,
the HS-FET is turned off, and the LS-FET is
turned on, reducing the inductor current. The
LS-FET is turned off if the current drops to the
valley current limit, which turns on the HS-
FET. If the HS-FET hits the peak current limit
and the LS-FET hits the valley current limit
every cycle for 150 µs, the MP2131 will remain
at the hiccup threshold until the current
decreases. This prevents the inductor current
from continuing to build up, which results in
damage to the components.
Short Circuit and Recovery
If the output voltage of the buck converter is
shorted to GND, the current limit is triggered.
Once the current limit is triggered every cycle
for 150 µs, the MP2131 enters hiccup mode;
the MP2131 disables the output power stage,
discharges the soft-start capacitor, and then
automatically tries to soft-start again. If the
short-circuit condition still holds after the soft-
start ends, the MP2131 repeats this operation
cycle until the short circuit is removed, and the
output rises back to the regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com