Electronic Components Datasheet Search
  English  ▼

X  

MP2166 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2166
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2166 Datasheet HTML 1Page - Monolithic Power Systems MP2166 Datasheet HTML 2Page - Monolithic Power Systems MP2166 Datasheet HTML 3Page - Monolithic Power Systems MP2166 Datasheet HTML 4Page - Monolithic Power Systems MP2166 Datasheet HTML 5Page - Monolithic Power Systems MP2166 Datasheet HTML 6Page - Monolithic Power Systems MP2166 Datasheet HTML 7Page - Monolithic Power Systems MP2166 Datasheet HTML 8Page - Monolithic Power Systems MP2166 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
4
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
13
12
11
10
PGND1
SW1
VIN1
FB1
FB2
VIN2
SW2
PGND2
SS1
PG1
FREQ
PG2
SS2
EN2
CCM
AGND
EN1
VCC
5
6
15
14
PGND1
SW1
VIN1
FB1
FB2
VIN2
SW2
PGND2
SS1
PG1
FREQ
PG2
SS2
EN2
CCM
AGND
EN1
VCC
3
4
2
11
10
13
12
1
QFN-18 (2.5mmx3.5mm)
QFN-18 (2mmx3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply voltage (VIN) ....................................6.5V
VSW .......................................-0.3V to VIN + 0.3V
All other pins............................... -0.3V to +6.5V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = +25°C)
(2)
QFN-18 (2mmx3mm) ...............................1.78W
QFN-18 (2.5mmx3.5mm) ...........................2.5W
Recommended Operating Conditions
Supply voltage (VIN) .......................... 2.7V to 6V
Output voltage (VOUT)..................... 0.6V to 5.5V
Operating junction temp........... -40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
QFN-18 (2mmx3mm)..............70……15….°C/W
QFN-18 (2.5mmx3.5mm)........50……12….°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com