Electronic Components Datasheet Search
  English  ▼

X  

MP2166 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2166
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2166 Datasheet HTML 8Page - Monolithic Power Systems MP2166 Datasheet HTML 9Page - Monolithic Power Systems MP2166 Datasheet HTML 10Page - Monolithic Power Systems MP2166 Datasheet HTML 11Page - Monolithic Power Systems MP2166 Datasheet HTML 12Page - Monolithic Power Systems MP2166 Datasheet HTML 13Page - Monolithic Power Systems MP2166 Datasheet HTML 14Page - Monolithic Power Systems MP2166 Datasheet HTML 15Page - Monolithic Power Systems MP2166 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP2166
– 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MP2166 Rev. 1.0
www.MonolithicPower.com
12
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
PGND2
Power ground of channel 2. Connect PGND2 with larger copper areas to the negative
terminals of the input and output capacitors.
2
SW2
Switch node connection to the inductor for channel 2. SW2 connects to the internal
high- and low-side power MOSFET switches of the channel 2 buck.
3
VIN2
Input supply for channel 2. A decoupling capacitor to ground is required close to VIN2
to reduce switching spikes.
4
SS2
Soft start for channel 2.
5
FB2
Feedback for channel 2. FB2 is the input to the error amplifier of channel 2. An
external resistive divider connects FB2 between the output and ground. The voltage on
FB2 compares to the internal 0.6V reference to set the regulation voltage of channel 2.
6
AGND
Analog ground. Connect AGND to PGND externally.
7
VCC
Power supply to the internal regulator for both channels. Decouple with a 0.1µF to
1µF capacitor between VCC and AGND.
8
CCM
AAM or forced CCM control. Pull CCM high to enter forced CCM mode; pull CCM low
to enter AAM mode at light load. Do not float CCM.
9
FB1
Feedback for channel 1. FB1 is the input to the error amplifier of channel 1. An
external resistive divider connects FB1 between the output and GND. The voltage on
FB1 compares to the internal 0.6V reference to set the regulation voltage of channel 1.
10
SS1
Soft start for channel 1.
11
VIN1
Input supply for channel 1. A decoupling capacitor to ground is required close to VIN1
to reduce switching spikes.
12
SW1
Switch node connection to the inductor for channel 1. SW1 connects to the internal
high- and low-side power MOSFET switches of the channel 1 buck.
13
PGND1
Power ground of channel 1. Connect PGND1 with larger copper areas to the negative
terminals of the input and output capacitors.
14
PG1
Power good for channel 1.
15
EN1
Enable control for channel 1.
16
FREQ
Frequency set. Connect a resistor to GND to set the switching frequency. The
switching frequency can be synchronized by an external clock via FREQ.
17
EN2
Enable control for channel 2.
18
PG2
Power good for channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com