Electronic Components Datasheet Search
  English  ▼

X  

MP2166 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2166
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2166 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2166 Datasheet HTML 1Page - Monolithic Power Systems MP2166 Datasheet HTML 2Page - Monolithic Power Systems MP2166 Datasheet HTML 3Page - Monolithic Power Systems MP2166 Datasheet HTML 4Page - Monolithic Power Systems MP2166 Datasheet HTML 5Page - Monolithic Power Systems MP2166 Datasheet HTML 6Page - Monolithic Power Systems MP2166 Datasheet HTML 7Page - Monolithic Power Systems MP2166 Datasheet HTML 8Page - Monolithic Power Systems MP2166 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP2166
6V, Dual 2A/2A or 3A/1A,
Low Quiescent Current,
Synchronous Buck with PG and SS
MP2166 Rev. 1.0
www.MonolithicPower.com
1
3/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP2166 is an internally compensated, dual,
PWM, synchronous, step-down regulator that
operates from a 2.7V to 6V input and generates
an output voltage as low as 0.6V. The MP2166
can be configured as a 2A/2A or 3A/1A output
current regulator and is ideal for powering
portable equipment that runs on a single-cell
lithium-ion (Li+) battery due to a low 60µA
quiescent current.
The MP2166 integrates dual, 55
mΩ, high-side
switches and 20mΩ synchronous rectifiers for
high efficiency without an external Schottky
diode. The MP2166 has peak-current-mode
control
and
internal
compensation
and
is
capable of low dropout configurations. Both
channels can operate at 100% duty cycle.
Full protection features include cycle-by-cycle
current limit and thermal shutdown.
The MP2166 requires a minimum number of
readily available, standard, external components
and is available in QFN-18 (2mmx3mm) and
QFN-18 (2.5mmx3.5mm) packages.
FEATURES
 2.7V to 6V Operating Input Range
 2A/2A or 3A/1A Continuous Current
 55mΩ/20mΩ R
DS(ON)
 Programmed Frequency up to 3MHz
 External Sync Clock Up to 3MHz
 180o Phase Shifted Operation
 PG Indicators
 External SS and Track
 Adjustable Advanced Asynchronous Mode
(AAM) or Forced Continuous Conduction
Mode (CCM)
 Peak Efficiency >90%
 Output Adjustable from 0.6V to VIN
 100% Duty Cycle Operation
 60µA Quiescent Current
 Cycle-by-Cycle
Over-Current
Protection
(OCP)
 Short-Circuit Protection (SCP) with Hiccup
Mode and Valley Current Detection
 Thermal Shutdown
 Available in QFN-18 (2mmx3mm) and QFN-
18 (2.5mmx3.5mm) Packages
APPLICATIONS
 Small/Handheld Devices
 DVD Drivers
 Smartphones and Feature Phones
 Battery-Powered Devices
 Portable Instruments
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2166

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2160 MPS-MP2160 Datasheet
338Kb / 13P
1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP21600 MPS-MP21600 Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP21600GQD MPS-MP21600GQD Datasheet
1Mb / 17P
0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
MP2160GQH MPS-MP2160GQH Datasheet
338Kb / 13P
1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP2160GQH MPS-MP2160GQH Datasheet
542Kb / 6P
1.2A Peak, 6V, 3.5MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2166

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
logo
Monolithic Power System...
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MPQ2166 MPS-MPQ2166 Datasheet
938Kb / 22P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
MPQ2169B MPS-MPQ2169B Datasheet
2Mb / 27P
6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
Rev. 1.0 12/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com