Electronic Components Datasheet Search
  English  ▼

X  

ACT4529M Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4529M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529M Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4529M Datasheet HTML 1Page - Active-Semi, Inc ACT4529M Datasheet HTML 2Page - Active-Semi, Inc ACT4529M Datasheet HTML 3Page - Active-Semi, Inc ACT4529M Datasheet HTML 4Page - Active-Semi, Inc ACT4529M Datasheet HTML 5Page - Active-Semi, Inc ACT4529M Datasheet HTML 6Page - Active-Semi, Inc ACT4529M Datasheet HTML 7Page - Active-Semi, Inc ACT4529M Datasheet HTML 8Page - Active-Semi, Inc ACT4529M Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACT4529M
Rev 1, 23-Feb-17
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Over Voltage Protection
VIN_OVP
Rising
40
42
44
V
Input Over Voltage Hysteresis
4
V
Input Over Voltage Response Time
T_VIN_OVP
VIN step from 30V to 45V
250
ns
Input Under Voltage Lockout (UVLO)
VIN
Rising
4.15
4.5
4.75
V
Input UVLO Hysteresis
200
mV
Input Voltage Power Good Deglitch
Time
No OVP
40
ms
Input Voltage Power Good Deglitch
Time
No UVP
10
us
Input Standby Current
Vin=12V, Vout=5.1V, Iload=0
500
uA
Output Voltage Regulation
CSP
At Full Temperature
4.92
8.78
11.67
5.1
9.1
12.1
5.28
9.42
12.53
V
Output Voltage Regulation
CSP
At Room Temperature
5.05
9.0
11.95
5.1
9.1
12.1
5.15
9.2
12.25
V
Output Over Voltage Protection
(OVP)
Output rising
5.5
9.7
13.0
5.7
10.1
13.5
6.0
10.5
14.0
V
Input Brownout Protection
(ACT4529MYH-T1011 only)
VIN Drop
Threshold
Falling Threshold
7.5
8.0
8.5
V
Hysteresis
200
mV
Vout Drop Delay Time
416
480
ms
QC and PDC Restart time
416
480
ms
Output Over Voltage Deglitch Time
1.0
us
Output Voltage Cord Compensation
ACT
4529MYH-
T0010
66mV between CSP and CSN
-25%
200
+25%
mV
ACT
4529MYH-
T1011
-25%
200
+25%
mV
Output Under Voltage Protection
(UVP)
VOUT
VOUT falling
-10%
3.2
10%
V
UVP Hysteresis
VOUT
VOUT rising
0.55
V
UVP Deglitch Time
VOUT
10
us
UVP Blanking Time at Startup
3.5
ms
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TJ = -40°C~125°C, , unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com