Electronic Components Datasheet Search
  English  ▼

X  

ACT4529M Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4529M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529M Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4529M Datasheet HTML 2Page - Active-Semi, Inc ACT4529M Datasheet HTML 3Page - Active-Semi, Inc ACT4529M Datasheet HTML 4Page - Active-Semi, Inc ACT4529M Datasheet HTML 5Page - Active-Semi, Inc ACT4529M Datasheet HTML 6Page - Active-Semi, Inc ACT4529M Datasheet HTML 7Page - Active-Semi, Inc ACT4529M Datasheet HTML 8Page - Active-Semi, Inc ACT4529M Datasheet HTML 9Page - Active-Semi, Inc ACT4529M Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ACT4529M
Rev 1, 23-Feb-17
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
Output Current Sensing and Regulation 
Sense resistor is connected to CSP and CSN. The
sensed differential voltage is compared with interval
reference to regulate current. CC loop and CV loop
are in parallel. The current loop response is allowed
to have slower response compared to voltage loop.
However, during current transient response, the
inductor current overshoot/undershoot should be
controlled
within
+/-25%
to
avoid
inductor
saturation.
Cycle-by-Cycle Current Control
The conventional cycle-by-cycle peak current mode
is implemented with high-side FET current sense.
Input Over Voltage Protection
The converter is disabled if the input voltage is
above 42V (+/-2V). Device resumes operation
automatically 40ms after OVP is cleared.
Output Over Voltage Protection
Device stops switching when output over-voltage is
sensed, and resumes operation automatically when
output voltage drops to OVP- hysteresis.
Output Over Voltage Discharge
Discharge circuit starts to discharge output through
CSP pins when output over voltage is detected.
Discharge circuit brings 12V down to 5V in less
than 100ms.
Output Under-Voltage Protection /
Hiccup Mode
There is a under voltage protection (UVP)
threshold. If the UVP threshold is hit for 10us, an
over current or short circuit is assumed, and the
converter goes into hiccup mode by disabling the
converter and restarts after hiccup waiting period.
Input Brownout Protection
(ACT4529MYH-T1011 only)
If the input voltage drops below 8V but higher than
UVLO for 450ms while in QC or PDC mode, the
output voltage turns off and QC or PDC mode is
disabled. If the output voltage drops below 3.7V, the
timer restarts and waits for 450ms before
attempting to restart the output voltage. When
output voltage rises above 3.9V and detects the
input voltage below 8V, timer restarts. If the input
voltage is below 8V after 450ms, the output turns
off. The cycle continues until the input voltage
increases above 8.2V,for longer than 450ms, then
output turns on, the IC renegotiates the PD and QC
protocols, and normal operation restarts. 
Thermal Shutdown
If the TJ increases beyond 160°C, ACT4529 goes
into HZ mode and the timer is preserved until TJ
drops by 30°C. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com