Electronic Components Datasheet Search
  English  ▼

X  

ACT4529M Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4529M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529M Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4529M Datasheet HTML 1Page - Active-Semi, Inc ACT4529M Datasheet HTML 2Page - Active-Semi, Inc ACT4529M Datasheet HTML 3Page - Active-Semi, Inc ACT4529M Datasheet HTML 4Page - Active-Semi, Inc ACT4529M Datasheet HTML 5Page - Active-Semi, Inc ACT4529M Datasheet HTML 6Page - Active-Semi, Inc ACT4529M Datasheet HTML 7Page - Active-Semi, Inc ACT4529M Datasheet HTML 8Page - Active-Semi, Inc ACT4529M Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
FEATURES
 AEC-Q100 Automotive Qualified
 -40°C~125°C Junction Temperature Range
Automotive Qualified
 Passes SAE J1752 M8A EMC testing
 Quick Charge™ 2.0 Certified by Qualcomm®
and UL.
 UL Certificate No. 4787083099-1
 http://www.qualcomm.com/documents/quickc
harge-device-list
 40V Input Voltage Surge
 4.5V-36V Operational Input Voltage
 5.1V/9.1V/12.1V Output with +/-1% Accuracy
 Up to 3.0A Output current
 Constant Current Regulation Limit
 QC2.0 + Auto-Detect + USB-PD Type-C Support
 Hiccup Mode Protection at Output Short
 >90% Efficiency at Full Load
 0.5mA Low Standby Input Current
 5.7V/10.1V/13.5V Output Over-voltage
Protection for 5.1V/9.1V/12.1V Outputs
 Cord Voltage Compensation
 Meet EN55022 Class B Radiated EMI Standard
 8kV ESD HBM Protection on DP and DM
 SOP-8EP Package
APPLICATIONS
 Automotive Applications
 Car Charger
 Cigarette Lighter Adaptor (CLA)
 CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4529 is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. This device has
QC2.0 built in to provide 5.1V/9.1V/12.1V outputs
as requested by attached portable devices. Besides
building in QC2.0 decoding, it also supports Apple,
Samsung and BC1.2 devices to charge at full
current rate. ACT4529 has an interface for USB-PD
control via a tri-state digital pin. Vout is 5.1V if this
pin is floating, Vout is 9.1V when this pin voltage is
less than 0.8V and Vout is 12.1V while this pin
voltage is more than 2.0V.
ACT4529 has accurate output current limits under
constant current regulation. It provides up to 3.0A
output current at 125kHz switching frequency.
ACT4529 utilizes adaptive drive technique to
achieve good EMI performance while main >90%
efficiency at full load for mini size CLA designs. It
also has output short circuit protection with hiccup
mode. The average output current is reduced to
below 6mA when output is shorted to ground. Other
features include output over voltage protection and
thermal shutdown.
This device is available in a SOP-8EP package and
requires
very
few
external
components
for
operation.
For details on SAE J1752 M8A EMC performance
and testing, refer to Active-Semi application note
AN-106, ACT4529M Automotive EMC Performance.
ACT4529M
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
Typical Application Circuit
V/I Profile
* Patent Pending


Similar Part No. - ACT4529M

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT4529M QORVO-ACT4529M Datasheet
1Mb / 16P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. B, September 2020
ACT4529MYH-T0010 QORVO-ACT4529MYH-T0010 Datasheet
1Mb / 16P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. B, September 2020
ACT4529MYH-T1011 QORVO-ACT4529MYH-T1011 Datasheet
1Mb / 16P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. B, September 2020
More results

Similar Description - ACT4529M

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com