Electronic Components Datasheet Search
  English  ▼

X  

LR24C02 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR24C02
Description  Two-Wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C02 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR24C02 Datasheet HTML 1Page - Leshan Radio Company LR24C02 Datasheet HTML 2Page - Leshan Radio Company LR24C02 Datasheet HTML 3Page - Leshan Radio Company LR24C02 Datasheet HTML 4Page - Leshan Radio Company LR24C02 Datasheet HTML 5Page - Leshan Radio Company LR24C02 Datasheet HTML 6Page - Leshan Radio Company LR24C02 Datasheet HTML 7Page - Leshan Radio Company LR24C02 Datasheet HTML 8Page - Leshan Radio Company LR24C02 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WRITE PROTECT (WP):
The
24C02 has a Write Protect pin that provides hardware data protection.
The Write Protect pin allows normal read/write operations when connected to ground (GND).
Table 2:Write Protect
WP Pin Status
Part of the Array Protected
24C02
At Vcc
Full(2K)Array
At GND
Normal Read/Write Operations
Memory Organization
24C02, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each, the 2K requires an
8-bit data word address for random word addressing.
Pin Descriptions
DEVICE/PAGE ADDRESSES (A2, A1 and A0): The A2, A1 and A0 pins are device address inputs
that are hard wired for the
24C02.
SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain
driven and may be wire-Read with any number of other open-drain or open- collector devices.
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device
and negative edge clock data out of each device.
V2.1
3/15
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com