Electronic Components Datasheet Search
  English  ▼

X  

LR24C02 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR24C02
Description  Two-Wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C02 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR24C02 Datasheet HTML 1Page - Leshan Radio Company LR24C02 Datasheet HTML 2Page - Leshan Radio Company LR24C02 Datasheet HTML 3Page - Leshan Radio Company LR24C02 Datasheet HTML 4Page - Leshan Radio Company LR24C02 Datasheet HTML 5Page - Leshan Radio Company LR24C02 Datasheet HTML 6Page - Leshan Radio Company LR24C02 Datasheet HTML 7Page - Leshan Radio Company LR24C02 Datasheet HTML 8Page - Leshan Radio Company LR24C02 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
×
Two-Wire Serial EEPROM
General Description
The
24C02 provides 2048 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as
256 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and
low-voltage operation are essentia l. The
24C02 is available in space-saving 8-lead SOP, 8-lead TSSOP and SOT23-5
packages and is accessed via a two-wire serial interface.
Features
Wide Voltage Operation
- VCC = 1.7V to 5.5V
Operating Ambient Temperature: -40
to +85
Internally Organized:
-
24C02, 256 X 8 (2K bits)
- Two-wire Serial Interface
-Schmitt Trigger, Filtered Inputs for Noise Suppression
Pin Name
Founctions
A0-A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
-Bidirectional Data Transfer Protocol
-1 MHz (5V), 400 kHz (1.7V, 2.5V, 2.7V) Compatibility
-Write Protect Pin for Hardware Data Protection
-8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes
-Partial Page Writes Allowed
-Self-timed Write Cycle (5 ms max)
High-reliability
- Endurance: 1 Million Write Cycles
- Data Retention: 100 Years
-8-lead SOP/TSSOP and SOT23-5 Packages
Pin Configuration
V2.1
1/15
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR24C02

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR24C08 LRC-LR24C08 Datasheet
2Mb / 16P
Two-Wire Serial EEPROM
More results

Similar Description - LR24C02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com