Electronic Components Datasheet Search
  English  ▼

X  

LR24C02 Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR24C02
Description  Two-Wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C02 Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR24C02 Datasheet HTML 3Page - Leshan Radio Company LR24C02 Datasheet HTML 4Page - Leshan Radio Company LR24C02 Datasheet HTML 5Page - Leshan Radio Company LR24C02 Datasheet HTML 6Page - Leshan Radio Company LR24C02 Datasheet HTML 7Page - Leshan Radio Company LR24C02 Datasheet HTML 8Page - Leshan Radio Company LR24C02 Datasheet HTML 9Page - Leshan Radio Company LR24C02 Datasheet HTML 10Page - Leshan Radio Company LR24C02 Datasheet HTML 11Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Read Operations
RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word
address. Once the device address word and data word address are clocked in and acknowledg ed by the
EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates
a current address read by sending a device address with the read/write select bit high. The EEPROM
acknowledges the device address and serially clocks out the data word. The microcontroller does not
respond with a "0" but does generate a following stop condition (see Figure 8 ).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random
address read. After the microcontroller receives a data word, it responds with an acknowledge. As
long as the EEPROM receives an acknowled ge, it will continue to increment the data word address
and serially clock out sequential data words. When the memory address limit is reached, the data word
address will "roll over" and the sequential read will continue.The sequential read operation is
terminated when the microcontroller does not respond with a "0" but does generate a following stop
condition (see Figure 9 ).
Figure 4: Device Address
1
0
1
0
A2
A1
A0
R/W
MSB
LSB
2K
Figure 5: Byte Write
V2.1
7/15
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com