Electronic Components Datasheet Search
  English  ▼

X  

LR4890 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR4890
Description  1.25W Fully Differential Audio Power Amplifier with Internal Feedback Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4890 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR4890 Datasheet HTML 1Page - Leshan Radio Company LR4890 Datasheet HTML 2Page - Leshan Radio Company LR4890 Datasheet HTML 3Page - Leshan Radio Company LR4890 Datasheet HTML 4Page - Leshan Radio Company LR4890 Datasheet HTML 5Page - Leshan Radio Company LR4890 Datasheet HTML 6Page - Leshan Radio Company LR4890 Datasheet HTML 7Page - Leshan Radio Company LR4890 Datasheet HTML 8Page - Leshan Radio Company LR4890 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Fig2. Single-Ended Input Application
Note:
Capacitor in the application can be Tantalum, Electrolytic and Ceramic etc.
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
VDD pin voltage
VDD
VSS-0.3 ~ VSS+8
V
Power
dissipation
MSOP8
PD
500
mW
SOP8
300
mW
DIP8
500
mW
Operating temperature
Topr
-
40 ~+85
°C
Storage temperature
Tstg
-
40 ~+125
°C
Soldering Temperature & Time
Tsolder
260℃, 10s
LR4890
LESHAN RADIO COMPANY, LTD.
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com