Electronic Components Datasheet Search
  English  ▼

X  

LR4890 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR4890
Description  1.25W Fully Differential Audio Power Amplifier with Internal Feedback Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4890 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR4890 Datasheet HTML 1Page - Leshan Radio Company LR4890 Datasheet HTML 2Page - Leshan Radio Company LR4890 Datasheet HTML 3Page - Leshan Radio Company LR4890 Datasheet HTML 4Page - Leshan Radio Company LR4890 Datasheet HTML 5Page - Leshan Radio Company LR4890 Datasheet HTML 6Page - Leshan Radio Company LR4890 Datasheet HTML 7Page - Leshan Radio Company LR4890 Datasheet HTML 8Page - Leshan Radio Company LR4890 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS
VDD=5V(8 load,AV=1V,Ta=25 )
℃
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current
consumption
IDD
VIN=0V,no load
2.5
mA
VIN=0V,RL=8
4
mA.
Current
consumption
during shutdown
ISD
Shutdown=VSS
0.1
uA
Output Power
PO
THD=1%(max);f=1KHz
1.25
W
Total Harmonic
Distortion+ Noise
THD+N
Po=0.6Wrms;f=1KHz
0.02
%
Power Supply
Rejection Ratio
PSRR
Vripple=200mV sine P-P
f=217Hz
-86
dB
f=1KHz
-83
dB
Common Mode
Rejection Ratio
CMRR
f=217Hz,VCM=200mVpp
-78
dB
Output Offset
Voltage
VOS
VIN=0V
2
mV
Shutdown Voltage
Input High
VSDIH
1.5
V
Shutdown Voltage
Output Low
VSDIL
0.3
V
Closed Loop Gain
AV
Ri
Rf
V/V
LESHAN RADIO COMPANY, LTD.
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com