Electronic Components Datasheet Search
  English  ▼

X  

LR4890 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR4890
Description  1.25W Fully Differential Audio Power Amplifier with Internal Feedback Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4890 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR4890 Datasheet HTML 1Page - Leshan Radio Company LR4890 Datasheet HTML 2Page - Leshan Radio Company LR4890 Datasheet HTML 3Page - Leshan Radio Company LR4890 Datasheet HTML 4Page - Leshan Radio Company LR4890 Datasheet HTML 5Page - Leshan Radio Company LR4890 Datasheet HTML 6Page - Leshan Radio Company LR4890 Datasheet HTML 7Page - Leshan Radio Company LR4890 Datasheet HTML 8Page - Leshan Radio Company LR4890 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTRODUCTION
The LR4890 is a fully differential audio power
amplifier designed for portable communication
device applications. It is capable of delivering
1.25 watt of continuous average power to an
8. BTL load with less than 1% distortion
(THD+N) from a 5V battery voltage. It
operates from 2.2 to 5.5V. Features like 86dB
PSRR at 217Hz, improved RF-rectification
immunity, the space-saving 8-pin MSOP8 ,
SOP8 and DIP8 package, the advanced pop
& click circuitry, a minimal count of external
components and low-power shutdown mode
make LR4890 ideal for wireless handsets.
The LR4890 is unity-gain stable, and the gain
can be configured by external input resistors
and external feedback resistors.
FEATURES
Fully differential amplifier
Improved PSRR at 217Hz(VDD>3.0V) 86dB
(Typ.)
Power output at 5.0V & 1% THD 1.25W
(Typ.)
Power output at 3.6V & 1% THD 0.5W
(Typ.)
Ultra low shutdown current 0.01μA (Typ.)
Improved pop & click circuitry eliminates
noises
during
turn-on
and
turn-off
transitions
Thermal overload protection circuitry
No output coupling capacitors, bootstrap
capacitors required
Unity-gain stable
External gain configuration capability
Available in space-saving packages:
8-pin MSOP8,SOP8,DIP8
APPLICATIONS
Wireless handsets
Portable audio devices
PDAs
Notebook computer
PIN DIAGRAM
1.25W Fully Differential Audio Power Amplifier
with Internal Feedback Resistors
LR4890
LESHAN RADIO COMPANY, LTD.
1/10
Ver0.3


Similar Part No. - LR4890

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
Pulse/Tone Dialer LSI
More results

Similar Description - LR4890

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
SHANGHAI BELLING CO., L...
BL6211 BELLING-BL6211 Datasheet
277Kb / 10P
1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
SG Micro Corp
SGM4895 SGMICRO-SGM4895_17 Datasheet
1Mb / 13P
1.3W Fully Differential Audio Power Amplifier
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
Fangtek Ltd.
FT6203 FANGTEK-FT6203 Datasheet
168Kb / 2P
1.25W Fully Differential Audio Power Amplifier
FT690 FANGTEK-FT690 Datasheet
771Kb / 13P
1.25W Mono Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
1.25W Mono Fully Differential Audio Power Amplifier
HM4990 HMSEMI-HM4990 Datasheet
841Kb / 12P
1.25W Mono Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2211 AITSEMI-A2211 Datasheet
842Kb / 16P
CLASS AB 1.25W MONO FULLY-DIFFERENTIAL AUDIO POWER AMPLIFIER WITH INTERNAL FEEDBACK RESISTORS
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com