Electronic Components Datasheet Search
  English  ▼

X  

LR6205 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR6205
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6205 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR6205 Datasheet HTML 1Page - Leshan Radio Company LR6205 Datasheet HTML 2Page - Leshan Radio Company LR6205 Datasheet HTML 3Page - Leshan Radio Company LR6205 Datasheet HTML 4Page - Leshan Radio Company LR6205 Datasheet HTML 5Page - Leshan Radio Company LR6205 Datasheet HTML 6Page - Leshan Radio Company LR6205 Datasheet HTML 7Page - Leshan Radio Company LR6205 Datasheet HTML 8Page - Leshan Radio Company LR6205 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TYPICAL APPLICATION
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS -0.3~VSS+7
V
Output Current
IOUT
600
mA
Output Voltage
VOUT
VSS -0.3~VIN+0.3
V
Power Dissipation
SOT-23
Pd
370
mW
SC-70
Pd
250
mW
SOT-89
Pd
500
mW
DFN1x1-4
Pd
400
mW
Operating Temperature
Topr
-40~+85
Storage Temperature
Tstg
-40~+125
Soldering Temperature & Time
Tsolder
260
, 10s
ELECTRICAL CHARACTERISTICS
Series
(VIN=VOUT+1V, CIN=COUT=1 F Ta=25
,unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT(E)
(Note 2)
IOUT=1mA
VOUT
*0.98
VOUT
VOUT
*1.02
V
Supply Current
ISS
IOUT=0
50
100
A
Standby Current
ISTBY
CE = VSS
0.1
A
Output Current
IOUT
500
mA
Dropout Voltage
(Note 3)
Vdif
IOUT =150mA
VOUT 2.8V
150
mV
Load Regulation
VOUT
VIN= VOUT +1V,
1mA IOUT 100mA
10
mV
Line Regulation
IOUT =10mA
VOUT +1V VIN 6V
0.01
0.2
%/V
Output Voltage
Temperature
Characteristics
IOUT =10mA
-40 T +85
100
ppm
Short Current
IShort
VOUT =VSS
100
mA
Input Voltage
VIN
2.0
6.0
V
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com