Electronic Components Datasheet Search
  English  ▼

X  

LR6205 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR6205
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6205 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR6205 Datasheet HTML 1Page - Leshan Radio Company LR6205 Datasheet HTML 2Page - Leshan Radio Company LR6205 Datasheet HTML 3Page - Leshan Radio Company LR6205 Datasheet HTML 4Page - Leshan Radio Company LR6205 Datasheet HTML 5Page - Leshan Radio Company LR6205 Datasheet HTML 6Page - Leshan Radio Company LR6205 Datasheet HTML 7Page - Leshan Radio Company LR6205 Datasheet HTML 8Page - Leshan Radio Company LR6205 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS
Series
(VIN=VOUT+1V, CIN=COUT=1 F Ta=25
,unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Power Supply
Rejection Rate
217Hz
PSRR
IOUT=50mA
80
dB
1kHz
75
10kHz
70
CE "High" Voltage
VCE“H”
1.5
VIN
V
CE "Low" Voltage
VCE“L”
0.3
V
NOTE:
1. VOUT Specified Output Voltage.
2. VOUT (E)
Effective Output Voltage ( Ie. The Output Voltage When VIN = (VOUT +1.0V)
And Maintain A Certain IOUT Value).
3. Vdif
The Difference Of Output Voltage And Input Voltage When Input Voltage Is
Decreased Gradually Till Output Voltage Equals To 98% Of VOUT (E).
DROPOUT VOLTAGE CHART
Setting Output Voltage
Dropout Voltage(mV)@ IOUT=150mA
VOUT(V)
Typ.
Max.
1.2
380
600
1.5
270
600
1.8
230
600
2.5
180
400
2.8
160
220
3.0
155
220
3.3
150
220
TYPICAL PERFORMANCE CHARACTERISTICS
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com