Electronic Components Datasheet Search
  English  ▼

X  

LR6205 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR6205
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6205 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR6205 Datasheet HTML 1Page - Leshan Radio Company LR6205 Datasheet HTML 2Page - Leshan Radio Company LR6205 Datasheet HTML 3Page - Leshan Radio Company LR6205 Datasheet HTML 4Page - Leshan Radio Company LR6205 Datasheet HTML 5Page - Leshan Radio Company LR6205 Datasheet HTML 6Page - Leshan Radio Company LR6205 Datasheet HTML 7Page - Leshan Radio Company LR6205 Datasheet HTML 8Page - Leshan Radio Company LR6205 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INTRODUCTION
The
series are a group of positive
voltage regulators manufactured by CMOS
technologies with high ripple rejection, ultra
low noise, low power consumption and low
dropout voltage, which can prolong battery
life in portable electronics. The
series
work
with
low-ESR
ceramic
capacitors, reducing the amount of board
space necessary for power applications.
The
series consume less than
0.1uA in shutdown mode and have fast
turn-on time less than 50us.The series are
very
suitable
for
the
battery-powered
equipments, such as RF applications and
other systems requiring a quiet voltage
source.
FEATURES
Low Output Noise
40 VRMS
(10Hz~100kHz)
Low Dropout Voltage 150mV@150mA
Low Quiescent Current
50 A
High Ripple Rejection
75dB@1kHz
Excellent Line and Load Transient
Response
Operating Voltage
2.0V
6.0V
Output Voltage
1.2 ~ 5.0V
High Accuracy
±2
Typ.
Built-in Current Limiter, Short-Circuit
Protection
TTL- Logic-Controlled Shutdown Input
APPLICATIONS
Cellular and Smart Phones
Laptop, Palmtops and PDA
Digital Still and Video Cameras
MP3, MP4 Player
Radio control systems
Battery-Powered Equipment
BLOCK DIAGRAM
ORDER INFORMATION
DESIGNATOR
SYMBOL
DESCRIPTION
A
Standard
B
High Active, pull-down resistor built
in, with COUT discharge resistor
C
High Active, No pull-down resistor,
No COUT discharge resistor
Integer
Output Voltage
e.g.1.8V=
:1,
:8
M
Package:SOT-23-3/5
U
Package:SC-70-5
P
Package:SOT-89-3/5
F
Package:DFN1X1-4
Ultra Fast High PSRR
Low Noise CMOS Voltage Regulator
6205 Series
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR6205

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6209 LRC-LR6209 Datasheet
432Kb / 5P
Buit-in Chip Current Limit & Short Protect Circuit
logo
Seoul Semiconductor
LR620Z SEOUL-LR620Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LR6205

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8853 AME-AME8853 Datasheet
380Kb / 29P
High PSRR, Low Noise, 300mA CMOS Regulator
AME8853A AME-AME8853A Datasheet
341Kb / 29P
High PSRR, Low Noise, 300mA CMOS Regulator
AME8855 AME-AME8855 Datasheet
527Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
AME8855A AME-AME8855A Datasheet
451Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
logo
ACE Technology Co., LTD...
ACE621E ACE-ACE621E Datasheet
697Kb / 8P
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
logo
Analog Microelectronics
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
High PSRR, Low Noise, 150mA CMOS Regulator
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com