Electronic Components Datasheet Search
  English  ▼

X  

SFH7743 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH7743
Description  Digitaler N채herungsdetektor mit integriertem Sender Treiber
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7743 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH7743 Datasheet HTML 3Page - OSRAM GmbH SFH7743 Datasheet HTML 4Page - OSRAM GmbH SFH7743 Datasheet HTML 5Page - OSRAM GmbH SFH7743 Datasheet HTML 6Page - OSRAM GmbH SFH7743 Datasheet HTML 7Page - OSRAM GmbH SFH7743 Datasheet HTML 8Page - OSRAM GmbH SFH7743 Datasheet HTML 9Page - OSRAM GmbH SFH7743 Datasheet HTML 10Page - OSRAM GmbH SFH7743 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2009-09-02
7
SFH 7743
Figure 2
Startverhalten
Start-up sequence
Der Ausgang ist immer hochohmig, wenn an V
dd
keine Spannung angeschlossen ist. Wenn die
Versorgungsspannung V
dd, start erreicht, bleibt der Ausgang für 60ms < tstart <120ms auf „low“. Anschließend
findet etwa alle 90ms eine Messung des reflektierten Signals statt und der Ausgang wird entprechend
geschalten (Figure 3).
If the supply voltage at V
dd is not connected, the output is always high ohmic. When supply voltage reaches
V
dd, start , the sensor output stays low for 60ms < tstart <120ms. Subsequently approx. every 90ms the reflected
signal is measured and the output is set accordingly (Figure 3).
OHF03836
t
Out
t
t1
1
t
High
Low
For reflector
For absorber
or no reflector
dd
V
Vdd_start max
dd_start min
V
Default
Low
60 ms -
t
120 ms + 1
Undefined high or low output impedance
OHF03835
t
Out
t
tpulse
refresh
t
High
Low
For reflector
For absorber
or no reflector
f
Ι
Figure 3
Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com