Electronic Components Datasheet Search
  English  ▼

X  

SFH7743 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7743
Description  Digitaler N채herungsdetektor mit integriertem Sender Treiber
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7743 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7743 Datasheet HTML 1Page - OSRAM GmbH SFH7743 Datasheet HTML 2Page - OSRAM GmbH SFH7743 Datasheet HTML 3Page - OSRAM GmbH SFH7743 Datasheet HTML 4Page - OSRAM GmbH SFH7743 Datasheet HTML 5Page - OSRAM GmbH SFH7743 Datasheet HTML 6Page - OSRAM GmbH SFH7743 Datasheet HTML 7Page - OSRAM GmbH SFH7743 Datasheet HTML 8Page - OSRAM GmbH SFH7743 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2009-09-02
5
SFH 7743
Maximale Stromaufnahme
Maximum current consumption
(
R
Prog = 470 Ω, Vdd = 3V)
I
dd, max
50
65
mA
Ausgangsleckstrom „high“
Output leakage current „high“
DV
dd = 2.2V
I
out, H
5
400
nA
Ausgangsspannung „low“
Output voltage „low“
DV
dd = 2.2V; Rpullup = 270 Ω
V
out, L
0.1
0.5
V
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S, max
880
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
730
1080
nm
1) gepulster Betrieb: Dauer LED an: ~44µs / Dauer LED aus: ~90ms
pulsed operating mode: LED on time: ~44µs / LED off time: ~90ms
Kennwerte (Ta = 25°C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com