Electronic Components Datasheet Search
  English  ▼

X  

SFH7743 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7743
Description  Digitaler N채herungsdetektor mit integriertem Sender Treiber
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7743 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7743 Datasheet HTML 1Page - OSRAM GmbH SFH7743 Datasheet HTML 2Page - OSRAM GmbH SFH7743 Datasheet HTML 3Page - OSRAM GmbH SFH7743 Datasheet HTML 4Page - OSRAM GmbH SFH7743 Datasheet HTML 5Page - OSRAM GmbH SFH7743 Datasheet HTML 6Page - OSRAM GmbH SFH7743 Datasheet HTML 7Page - OSRAM GmbH SFH7743 Datasheet HTML 8Page - OSRAM GmbH SFH7743 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2009-09-02
4
SFH 7743
Kennwerte (Ta = 25°C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Minimale Betriebsspannung für Startphase
Minimum required supply voltage for start-up
(please see figure 2)
V
dd, start
0.8
2.0
V
Länge der Startphase
Start-up time
(please see figure 2)
t
start
60
90
120
ms
Mess-Wiederholzeit
Measurement refresh time
(please see figure 3)
t
refresh
60
90
120
ms
LED „An“ Zeit
LED „ON“ Time
(please see figure 3)
t
pulse
30
45
60
µs
Schaltschwelle „Low“ --> „High“
Switching threshold „Low“ --> „High“
Ee
145
µW/cm²
Schaltabstand mit externem Sender SFH 4650
Operating distance with external emitter SFH
4650
(R
Prog = 470 Ω, Vdd = 3V,
KODAK White Paper R=90%)
(please see figure 1a, Option 1)
d
40
mm
Schaltabstand mit externem Sender SFH 4650
Operating distance with external emitter SFH
4650
(SFH 4650 driven with 1A via external transistor,
KODAK White Paper R=90%)
(please see figure 1b, Option 2)
d
150
mm
Durchschnittliche Stromaufnahme
1)
Mean current consumption
1)
(
R
Prog = h, Vdd = 3V)
I
dd, mean
25
50
μA
Maximale Stromaufnahme
Maximum current consumption
(
R
Prog = h, Vdd = 3V)
I
dd, max
10
20
mA
Durchschnittliche Stromaufnahme
1)
Mean current consumption
1)
(
R
Prog = 470 Ω, Vdd = 3V)
I
dd, mean
45
75
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com