Electronic Components Datasheet Search
  English  ▼

X  

MP21600 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP21600
Description  0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21600 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP21600 Datasheet HTML 7Page - Monolithic Power Systems MP21600 Datasheet HTML 8Page - Monolithic Power Systems MP21600 Datasheet HTML 9Page - Monolithic Power Systems MP21600 Datasheet HTML 10Page - Monolithic Power Systems MP21600 Datasheet HTML 11Page - Monolithic Power Systems MP21600 Datasheet HTML 12Page - Monolithic Power Systems MP21600 Datasheet HTML 13Page - Monolithic Power Systems MP21600 Datasheet HTML 14Page - Monolithic Power Systems MP21600 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP21600 – 0.6A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP2148 Rev. 1.0
www.MonolithicPower.com
11
6/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP21600 uses constant-on-time (COT)
control with
input
voltage feed-forward to
stabilize the switching frequency over the full
input range. The MP21600 achieves 0.6A of
continuous output current from a 2.3V to 5.5V
input voltage range with excellent load and line
regulation. The output voltage can be regulated
as low as 0.6V.
Constant-On-Time (COT) Control
Compared
to
fixed-frequency
pulse-width
modulation (PWM) control, constant-on-time
(COT) control offers a simpler control loop and
a faster transient response. By using input-
voltage feed-forward, the MP21600 maintains a
nearly constant switching frequency across the
input and output voltage ranges. The switching
pulse on time can be estimated with Equation
(1):
OUT
ON
IN
V
T
0.416 s
V
(1)
To prevent inductor current runaway during the
load transient, the MP21600 has a fixed
minimum off time of 60ns.
Sleep Mode Operation
The MP21600 features sleep mode to achieve
high efficiency at extremely light loads. In sleep
mode, most of the circuit blocks are turned off,
except for the error amplifier (EA) and PWM
comparator. Therefore, the operation current is
reduced to a minimal value (see Figure 2).
Bias
&
Voltage
Reference
0.6V
FB
+
+
-
FBCOMP
Soft Start
E.A.
+
-
+
Ramp
Generator
SW
Lo-Iq
Lo-Iq
Figure 2: Operation Blocks in Sleep Mode
When the load becomes lighter, the ripple of the
output voltage is larger and drives the error
amplifier output (EAO) lower. When the EAO
reaches an internal low threshold, it is clamped
at that level, and the MP21600 enters sleep
mode. During sleep mode, the valley of the FB
voltage is regulated to the internal reference
voltage, making the average output voltage
slightly higher than the output voltage at
discontinuous
conduction
mode
(DCM)
or
continuous conduction mode (CCM). The on-
time pulse at sleep mode is around 40% larger
than that in DCM or CCM. Figure 3 shows the
average
FB
voltage
relationship
with
the
internal reference in sleep mode.
FB
Vref
Average FB
Figure 3: FB Average Voltage in Sleep Mode
When MP21600 is in sleep mode, the average
output voltage is higher than the internal
reference voltage. The EAO is kept low and
clamped in sleep mode. When the loading
increases,
the
PWM
switching
period
decreases to keep the output voltage regulated,
and the output voltage ripple is decreased
relatively. When the EAO is greater than the
internal low threshold, the MP21600 exits sleep
mode and enters DCM or CCM depending on
the load. In DCM or CCM, the EA regulates the
average output voltage to the internal reference
(see Figure 4).
FB+ Ramp
EA out
Average FB= REF
Figure 4: DCM Control
There is always a loading hysteresis when
entering sleep mode and exiting sleep mode
due to the EA clamping response time.
AAM Operation in Light-Load Operation
The MP21600 uses an advanced asynchronous
modulation (AAM) power-save mode together
with zero-current cross detection (ZCD) circuit
for light loads.
The MP21600 uses AAM power-save mode for
light loads (see Figure 5). The AAM current
(IAAM) is set internally. The SW on pulse time is
decided by the on-time generator and AAM
comparator. At light load condition, the SW on
pulse time is the longer one. If the AAM
comparator pulse is longer than the on-timer
generator, the operation mode follows the
diagram shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com