Electronic Components Datasheet Search
  English  ▼

X  

MP21600 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP21600
Description  0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21600 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP21600 Datasheet HTML 8Page - Monolithic Power Systems MP21600 Datasheet HTML 9Page - Monolithic Power Systems MP21600 Datasheet HTML 10Page - Monolithic Power Systems MP21600 Datasheet HTML 11Page - Monolithic Power Systems MP21600 Datasheet HTML 12Page - Monolithic Power Systems MP21600 Datasheet HTML 13Page - Monolithic Power Systems MP21600 Datasheet HTML 14Page - Monolithic Power Systems MP21600 Datasheet HTML 15Page - Monolithic Power Systems MP21600 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP21600 – 0.6A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP21600 Rev. 1.0
www.MonolithicPower.com
12
6/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
HS_ driver
VREF
VFB
COT
Generator
EN
IAAM
IL_ sense
R
S
Q
FBCOMP
AAMCOMP
Figure 5: Simplified AAM Control Logic
AAM
Io
IL
b. Increase load in AAM
AAM
Io
IL
a. Light load in AAM
Figure 6: AAM Comparator Control TON
If the AAM comparator pulse is shorter than the
on-time generator, the operation mode follows
the diagram shown in Figure 7. Generally, this
can occur by using a very small inductance.
AAM
Io
IL
b. Increase load in on-timer
AAM
Io
IL
a. Light load in on-timer
Figure 7: On-Timer Control TON
In addition to the above on-timer method, the
AAM circuit has another 150ns of AAM blank
time in sleep mode. If the on-timer is less than
150ns, the high-side MOSFET (HS-FET) may
turn off after the on-timer generator pulse
without AAM control. In this condition, the
inductor current (IL) may not reach the AAM
threshold (see Figure 8). The on-time pulse in
sleep mode is around 40% larger than that the
on-time pulse in DCM or CCM.
AAM
Io
IL
150ns
150ns
Figure 8: AAM Blank Time in Sleep Mode
Figure 9 shows the AAM threshold decreasing
as TON increases gradually. For CCM, the
output current (Io) must be more than half of the
AAM threshold at least.
Figure 9: AAM Threshold Decreases with TON
Increase
The MP21600 has a ZCD to determine when
the inductor current starts reversing. When the
inductor current reaches the ZCD threshold, the
low-side switch turns off. AAM and the ZCD
circuit make the MP21600 work in DCM mode
at light load continuously, even if VOUT is close
to VIN.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
threshold
(UVLO)
(typically 2V), the MP21600 can be enabled by
pulling EN higher than 1.2V. Leave EN floating
or pull EN down to ground to disable the
MP21600. There is an internal 1M
Ω resistor
from EN to ground. When the device is disabled,
the
part
enters
output
discharge
mode
automatically. The internal discharge MOSFET
provides a resistive discharge path for the
output capacitor.
Soft Start (SS)
The MP21600 has a built-in soft start that
ramps up the output voltage at a controlled slew
rate to avoid overshooting at start-up. The soft
start time is about 0.5ms, typically.
Current Limit
The MP21600 has a 1.3A high-side switch
current limit, typically. When the high-side
switch reaches its current limit, the MP21600
remains in hiccup mode until the current drops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com