Electronic Components Datasheet Search
  English  ▼

X  

MP21600 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP21600
Description  0.6A, Synchronous, Step-Down Converter with 11關A IQ in Ultra-Small 1x1.5mm QFN
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP21600 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP21600 Datasheet HTML 9Page - Monolithic Power Systems MP21600 Datasheet HTML 10Page - Monolithic Power Systems MP21600 Datasheet HTML 11Page - Monolithic Power Systems MP21600 Datasheet HTML 12Page - Monolithic Power Systems MP21600 Datasheet HTML 13Page - Monolithic Power Systems MP21600 Datasheet HTML 14Page - Monolithic Power Systems MP21600 Datasheet HTML 15Page - Monolithic Power Systems MP21600 Datasheet HTML 16Page - Monolithic Power Systems MP21600 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP21600 – 0.6A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA IQ
MP21600 Rev. 1.0
www.MonolithicPower.com
13
6/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
This prevents the inductor current from rising
and damaging components.
Short Circuit and Recovery
The MP21600 enters short-circuit protection
(SCP) mode when it reaches the current limit
and attempts to recover with hiccup mode. The
MP21600 disables the output power stage,
discharges
the
soft-start
capacitor,
and
attempts to soft start again automatically. If the
short-circuit condition remains after the soft
start ends, the MP21600 repeats this cycle until
the short circuit is removed and the output rises
back to the regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com