Electronic Components Datasheet Search
  English  ▼

X  

MP28300 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP28300
Description  Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28300 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP28300 Datasheet HTML 11Page - Monolithic Power Systems MP28300 Datasheet HTML 12Page - Monolithic Power Systems MP28300 Datasheet HTML 13Page - Monolithic Power Systems MP28300 Datasheet HTML 14Page - Monolithic Power Systems MP28300 Datasheet HTML 15Page - Monolithic Power Systems MP28300 Datasheet HTML 16Page - Monolithic Power Systems MP28300 Datasheet HTML 17Page - Monolithic Power Systems MP28300 Datasheet HTML 18Page - Monolithic Power Systems MP28300 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP28300
– ULTRA-LOW I
Q STEP-DOWN CONVERTER
MP28300 Rev.1.01
www.MonolithicPower.com
16
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Inductor Selection
Most applications work best with a 1µH to
2.2µH inductor. Select an inductor with a DC
resistance
less
than
200
mΩ to optimize
efficiency.
High-frequency, switch-mode power supplies
with a magnetic device have strong electronic
magnetic
inference
for
the
system.
Any
unshielded power inductor should be avoided
since it has poor magnetic shielding. Metal alloy
or multiplayer chip power shield inductors are
recommended for the application since they can
decrease influence effectively. Table 2 lists
some recommended inductors.
Table 2: Recommended Inductors
Inductance
Manufacturer
P/N
Package
Manufacturer
2.2µH
DFE201612P-
2R2M
2016
Tokyo
2.2µH
74479775222A
2012
Wurth
For
most
designs,
the
inductance
value can be calculated with Equation (1):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(1)
Where
∆IL is the inductor ripple current.
Choose
the
inductor
current
to
be
approximately 30%
of the maximum load
current. The maximum inductor peak current
can be calculated with Equation (2):
L
L(MAX)
LOAD
I
II
2

(2)
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and the switching noise
from the device. Select an input capacitor with a
switching frequency impedance less than the
input
source
impedance
to
prevent
high-
frequency switching current from passing to the
input source. Use low ESR ceramic capacitors
with
X5R
or
X7R
dielectrics
with
small
temperature coefficients. For most applications,
a 10
μF capacitor is sufficient.
The input capacitor requires an adequate ripple
current
rating
since
it
absorbs
the
input
switching current.
Estimate the RMS current in the input capacitor
with Equation (3):
OUT
OUT
C1
LOAD
IN
IN
VV
I
I
1
VV





(3)
The worst-case scenario occurs at VIN = 2VOUT,
shown in Equation (4):
LOAD
C1
I
I
2
(4)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, add a small, high-quality
, 0.1μF,
ceramic capacitor as close to the IC as possible.
When using ceramic capacitors, ensure that
they have enough capacitance to provide a
sufficient charge to prevent excessive voltage
ripple at the input. The input voltage ripple
caused by capacitance can be estimated with
Equation (5):
LOAD
OUT
OUT
IN
IN
S
IN
I
V
V
V1
f
C1
V
V

 


(5)
Output Capacitor Selection
The output capacitor limits the output voltage
ripple and ensures a stable regulation loop.
Select an output capacitor with low impedance
at
the
switching
frequency.
For
most
applications, a 10µF capacitor is sufficient.
Estimate the output voltage ripple with Equation
(6):
OUT
OUT
OUT
ESR
S
1
IN
S
VV
1
V
1
R
f
L
V
8 f
C2


 


 
 
(6)
Where L1 is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output
capacitor.
When
using
ceramic
capacitors,
the capacitance dominates the
impedance at the switching frequency and
causes most of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (7):
OUT
OUT
OUT
2
S
1
IN
VV
ΔV1
8 f
L
C2
V

 

 

(7)
The characteristics of the output capacitor also
affect the stability of the regulation system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com