Electronic Components Datasheet Search
  English  ▼

X  

MP28300 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP28300
Description  Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28300 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP28300 Datasheet HTML 8Page - Monolithic Power Systems MP28300 Datasheet HTML 9Page - Monolithic Power Systems MP28300 Datasheet HTML 10Page - Monolithic Power Systems MP28300 Datasheet HTML 11Page - Monolithic Power Systems MP28300 Datasheet HTML 12Page - Monolithic Power Systems MP28300 Datasheet HTML 13Page - Monolithic Power Systems MP28300 Datasheet HTML 14Page - Monolithic Power Systems MP28300 Datasheet HTML 15Page - Monolithic Power Systems MP28300 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP28300
– ULTRA-LOW I
Q STEP-DOWN CONVERTER
MP28300 Rev.1.01
www.MonolithicPower.com
12
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin#
Name
Description
1
OUT1
Output voltage sensing of the step-down switcher. Connect the load to OUT1. An
output capacitor is needed to decrease the output voltage ripple.
2
CTRL1
Step-down switcher control signal. Adjust the step-down switcher output voltage value
dynamically. Do not float the CTRL pins during application. When used, ensure that the
CTRL voltage is not lower than VIN. If unused, tie CTRL to GND. Refer to Table 1 on page
14 to set the buck output value.
3
CTRL2
4
CTRL3
5
CTRL4
LDO control signal. Adjust the LDO output voltage value dynamically. Do not float the
CTRL during application. When used, ensure that the CTRL voltage is not lower than VIN.
If unused, tie CTRL to GND. Refer to Table 1 on page 14 to set the LDO output value.
6
CTRL5
7
PG1
Power good for the step-down switcher. PG1 is an open-drain output.
8
GND
Ground.
9
SW
Switch output for the step-down switcher. SW is the drain of the internal, high-side, P-
channel MOSFET. Connect the inductor to SW to complete the converter.
10
VIN1
Input supply voltage to the step-down switcher. Place a small decoupling capacitor as
close to VIN1 and GND as possible.
11
VIN2
Input supply voltage to the LDO. Place a small decoupling capacitor as close to VIN2
and GND as possible.
12
OUT2
Output voltage sensing of LDO. OUT2 is the output of the linear regulator. Bypass OUT2
to GND with a 1
μF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com