Electronic Components Datasheet Search
  English  ▼

X  

MP28300 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP28300
Description  Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28300 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP28300 Datasheet HTML 9Page - Monolithic Power Systems MP28300 Datasheet HTML 10Page - Monolithic Power Systems MP28300 Datasheet HTML 11Page - Monolithic Power Systems MP28300 Datasheet HTML 12Page - Monolithic Power Systems MP28300 Datasheet HTML 13Page - Monolithic Power Systems MP28300 Datasheet HTML 14Page - Monolithic Power Systems MP28300 Datasheet HTML 15Page - Monolithic Power Systems MP28300 Datasheet HTML 16Page - Monolithic Power Systems MP28300 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP28300
– ULTRA-LOW I
Q STEP-DOWN CONVERTER
MP28300 Rev.1.01
www.MonolithicPower.com
13
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
Constant
On -Time
PWM
Buck
CTRL
CTRL1
OUT1
SW
COMP
+
-
VIN1
+
-
PWM
COMP
Driver
PDRV
NDRV
GND
PWM
PG1
Hi-Z
E.A.
+
-
COMP
+
-
Buck Control
RST
VTH
Ref
&
Soft Start
+
-
Low IQ
COMP
Summer
Ramp
&
Sleep Mode
Sleep
CTRL2
CTRL3
Sleep
PG Control
Main
Switch
OUT2
COMP
+
-
VIN2
E.A.
+
-
CTRL4
CTRL5
LDO
CTRL
OUT2
LDO Control
Sleep Mode
OCP
Sleep
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com