Electronic Components Datasheet Search
  English  ▼

X  

MP92265 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP92265
Description  18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92265 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP92265 Datasheet HTML 1Page - Monolithic Power Systems MP92265 Datasheet HTML 2Page - Monolithic Power Systems MP92265 Datasheet HTML 3Page - Monolithic Power Systems MP92265 Datasheet HTML 4Page - Monolithic Power Systems MP92265 Datasheet HTML 5Page - Monolithic Power Systems MP92265 Datasheet HTML 6Page - Monolithic Power Systems MP92265 Datasheet HTML 7Page - Monolithic Power Systems MP92265 Datasheet HTML 8Page - Monolithic Power Systems MP92265 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP92265
– 18V, 5A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92265 Rev. 1.0
www.MonolithicPower.com
4
11/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C (5), typical value is tested at TJ = +25°C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (quiescent)
IQ
VFB = 0.7V
320
400
μA
HS switch on resistance
HSRDS-ON
VBST-SW = 5V
47
mΩ
LS switch on resistance
LSRDS-ON
VCC = 5V
18
mΩ
Switch leakage
SWLKG
2
μA
Current limit
ILIMIT
Under 40% duty cycle
6.5
9.5
A
Oscillator frequency
FSW
VFB = 0.48V
380
500
580
kHz
Foldback frequency
FFB
VFB < 300mV
0.8
FSW
Maximum duty cycle
DMAX
VFB = 500mV
90
95
%
Minimum on time (6)
TON_MIN
50
ns
Feedback voltage
VFB
TJ = 25°C
594
600
606
mV
Feedback voltage
VFB
591
600
609
mV
Feedback current
IFB
VFB = 620mV
10
50
nA
VIN under-voltage lockout
threshold rising
INUVVth
4.8
5.3
5.8
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
1
V
Soft-start current
ISS
10% to 90% output voltage
8
11
14
μA
Thermal shutdown (6)
TSD
150
°C
Thermal hysteresis (6)
TSD_HYS
20
°C
NOTES:
5) Not tested in production. Guaranteed by over-temperature correlation.
6) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com