Electronic Components Datasheet Search
  English  ▼

X  

MP92265 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP92265
Description  18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92265 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP92265 Datasheet HTML 7Page - Monolithic Power Systems MP92265 Datasheet HTML 8Page - Monolithic Power Systems MP92265 Datasheet HTML 9Page - Monolithic Power Systems MP92265 Datasheet HTML 10Page - Monolithic Power Systems MP92265 Datasheet HTML 11Page - Monolithic Power Systems MP92265 Datasheet HTML 12Page - Monolithic Power Systems MP92265 Datasheet HTML 13Page - Monolithic Power Systems MP92265 Datasheet HTML 14Page - Monolithic Power Systems MP92265 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP92265
– 18V, 5A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92265 Rev. 1.0
www.MonolithicPower.com
11
11/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
reduced greatly to alleviate thermal issues and
to protect the regulator. The MP92265 exits
hiccup mode once the over-current condition is
removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the temperature of the silicon reaches
150°C, the entire chip shuts down. When the
temperature
is
below
its
lower
threshold
(typically 130°C), the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.6V with a
hysteresis of 350mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1, and C2 (see Figure 3). If VBST -
VSW exceeds 5V, U1 regulates M1 to maintain a
5V BST voltage across C4.
Figure 3: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If VIN exceeds its thresholds, the chip starts up.
The reference block starts first, generating a
stable reference voltage, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Two events can shut down the chip: VIN low and
thermal shutdown. In the shutdown procedure,
the signaling path is blocked first to avoid any
fault triggering. VCOMP and the internal supply
rail are then pulled down. The floating driver is
not subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com