Electronic Components Datasheet Search
  English  ▼

X  

MP92265 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP92265
Description  18V, 5A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP92265 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP92265 Datasheet HTML 4Page - Monolithic Power Systems MP92265 Datasheet HTML 5Page - Monolithic Power Systems MP92265 Datasheet HTML 6Page - Monolithic Power Systems MP92265 Datasheet HTML 7Page - Monolithic Power Systems MP92265 Datasheet HTML 8Page - Monolithic Power Systems MP92265 Datasheet HTML 9Page - Monolithic Power Systems MP92265 Datasheet HTML 10Page - Monolithic Power Systems MP92265 Datasheet HTML 11Page - Monolithic Power Systems MP92265 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP92265
– 18V, 5A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP92265 Rev. 1.0
www.MonolithicPower.com
8
11/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
AAM
Advanced asynchronous mode. Connect to the tap of two resistor dividers from VCC to
GND to force the MP92265 into non-synchronous mode under light loads. Drive AAM high
(i.e.: connect to VCC) to force the MP92265 into continuous conduction mode (CCM).
2
IN
Supply voltage. The MP92265 operates from a 6V to 18V input rail. A capacitor (C1) is
required to decouple the input rail. Connect IN using a wide PCB trace.
3
SW
Switch output. Connect SW using a wide PCB trace.
4
GND
Power ground. GND requires special consideration during PCB layout. Connect GND with
copper traces and vias.
5
BST
Bootstrap. A capacitor is required between SW and BST to form a floating supply across
the high-side switch driver.
6
SS
Soft start. Connect an external capacitor to SS to program the soft-start time for the switch-
mode regulator.
7
VCC
Bias supply. Decouple VCC with a 0.1
μF to 0.22μF capacitor.
8
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage. The frequency foldback comparator lowers the oscillator frequency
when the FB voltage is below 480mV to prevent current limit runaway during a short-circuit
fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com