Electronic Components Datasheet Search
  English  ▼

X  

MPQ2166GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2166GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ2166GD Datasheet HTML 1Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 2Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 3Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 4Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 5Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 6Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 7Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 8Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPQ2166 – 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MPQ2166 Rev. 1.11
www.MonolithicPower.com
5
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TJ = 25°C.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply current (quiescent)
IQ
VIN = 5V, VEN = 2V,
VFB = 0.65V, no switching
60
80
μA
Shutdown current
ISHDN
VEN = 0V, CCM=GND,
TJ = +25°C
0
0.2
μA
VEN = 0V, CCM=GND
TJ = -40°C to +85°C
(4)
0
1.5
μA
VEN = 0V, CCM=GND
TJ = +85°C to +125°C
5
μA
VIN under-voltage lockout
threshold
INUVLO
Rising edge
2.4
2.55
V
VIN under-voltage lockout
hysteresis
INUVLO_HYS
230
mV
Regulated FB voltage
VFB
TJ = +25°C
0.593
0.600
0.607
V
TJ = -40°C to +125°C
0.588
0.600
0.612
V
FB input current
IFB
VFB = 0.65V
0
50
nA
EN high threshold
VEN_H
1.6
V
EN low threshold
VEN_L
0.4
V
EN input current
IEN
VEN = 2V
0
0.1
μA
VEN = 0V
0
0.1
HS switch on resistance
RDSON_P
VIN = 5V
55
90
mΩ
LS switch on resistance
RDSON_N
VIN = 5V
20
45
mΩ
SW leakage current
ISW_LK
VEN = 0V, VIN = 6V,
VSW = 0V and 6V,
TJ = 25°C
-1
0
1
μA
HS switch current limit
(4)
IHS_LIMIT
Sourcing
3.4
4.5
5.6
A
LS valley current limit
(4)
IVALLEY
3.9
A
LS switch current limit
ILS_LIMIT
Sinking, CCM
1
A
Oscillator frequency accuracy
fSW
RFREQ = 665k
298
350
402
kHz
RFREQ = 200k
850
1000
1150
kHz
RFREQ = 51k
2700
3000
3300
kHz
Sync frequency range
fSYNC
0.35
3
MHz
Phase shift
180
degree
Minimum on time
(4)
TON_MIN
55
ns
Minimum off time
(4)
TOFF_MIN
50
ns
Maximum duty cycle
DMAX
100
%
Thermal shutdown threshold
(4)
TD
175
°C
Thermal shutdown hysteresis
(4)
TD_HYS
40
°C
Soft-start charging current
ISS
VSS = 0V
2
3.2
5
μA
Power good rising threshold
PGOODVth-Hi
0.85
0.9
0.95
VFB
Power good falling threshold
PGOODVth-Lo
0.77
0.82
0.87
VFB
Power good rising delay
TPGOOD_R
30
μs
Power good falling delay
TPGOOD_F
40
μs
CCM on threshold
1.6
V
CCM off threshold
0.4
V
NOTE:
4) Guaranteed by design and characterization, not test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com