Electronic Components Datasheet Search
  English  ▼

X  

MPQ2166GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2166GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2166GD Datasheet HTML 1Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 2Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 3Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 4Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 5Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 6Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 7Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 8Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPQ2166
6V, Dual 2A/2A or 3A/1A,
Low Quiescent Current,
Synchronous Buck with PG and SS
AEC-Q100 Qualified
MPQ2166 Rev. 1.11
www.MonolithicPower.com
1
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ2166 is an internally compensated,
dual, PWM, synchronous, step-down regulator
that operates from a 2.7V to 6V input and
generates an output voltage as low as 0.6V.
The MPQ2166 can be configured as a 2A/2A or
3A/1A output current regulator and is ideal for
powering portable equipment that runs on a
single-cell lithium-ion (Li+) battery due to a low
60µA quiescent current.
The MPQ2166 integrates dual, 55mΩ, high-side
switches and 20mΩ synchronous rectifiers for
high efficiency without an external Schottky
diode. The MPQ2166 has peak-current-mode
control and internal compensation and is
capable of low dropout configurations. Both
channels can operate at 100% duty cycle.
Full protection features include cycle-by-cycle
current limit and thermal shutdown.
The MPQ2166 requires a minimum number of
readily available, standard, external components
and is available in QFN-18 (2mmx3mm) and
QFN-18 (2.5mmx3.5mm) packages.
FEATURES
 2.7V to 6V Operating Input Range
 2A/2A or 3A/1A Continuous Current
 55mΩ/20mΩ RDS(ON)
 Programmed Frequency up to 3MHz
 External Sync Clock Up to 3MHz
 180o Phase Shifted Operation
 PG Indicators
 External SS and Track
 Adjustable Advanced Asynchronous Mode
(AAM) or Forced Continuous Conduction
Mode (CCM)
 Peak Efficiency >90%
 Output Adjustable from 0.6V to VIN
 100% Duty Cycle Operation
 60µA Quiescent Current
 Cycle-by-Cycle Over-Current Protection
(OCP)
 Short-Circuit Protection (SCP) with Hiccup
Mode and Valley Current Detection
 Thermal Shutdown
 Available in QFN-18 (2mmx3mm) and QFN-
18 (2.5mmx3.5mm) Packages
 Available in AEC-Q100 Grade-1
APPLICATIONS
 Small/Handheld Devices
 DVD Drivers
 Smartphones and Feature Phones
 Battery-Powered Devices
 Portable Instruments
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MPQ2166GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2166B MPS-MPQ2166B Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1 MPS-MPQ2166BGRHE-AEC1 Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-P MPS-MPQ2166BGRHE-AEC1-P Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
MPQ2166BGRHE-AEC1-Z MPS-MPQ2166BGRHE-AEC1-Z Datasheet
2Mb / 27P
6V, Dual 2A/2A or 3A/1A, Low-IQ, Synchronous Buck with PG and SS, AEC-Q100 Qualified
1/18/2022 Rev. 1.0
More results

Similar Description - MPQ2166GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MP2122 MPS-MP2122 Datasheet
539Kb / 16P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
MPQ2169B MPS-MPQ2169B Datasheet
2Mb / 27P
6V, Dual 1.4A/1.4A or 2A/0.8A, Low-IQ,Synchronous Buck with PG and SS,AEC-Q100 Qualified
Rev. 1.0 12/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com