Electronic Components Datasheet Search
  English  ▼

X  

MPQ2166GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ2166GD
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2166GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ2166GD Datasheet HTML 10Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 11Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 12Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 13Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 14Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 15Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 16Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 17Page - Monolithic Power Systems MPQ2166GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MPQ2166 – 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MPQ2166 Rev. 1.11
www.MonolithicPower.com
14
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MPQ2166 is a fully integrated, dual-
channel, synchronous, step-down converter.
Both channels use peak-current-mode control
with internal compensation for fast transient
response and cycle-to-cycle current limit.
The MPQ2166 is optimized for low-voltage,
portable applications where efficiency and small
size are critical.
180° Out-of-Phase Operation
The MPQ2166 operates the two channels in
180° out-of-phase operation to reduce input
current ripple so a smaller input bypass
capacitor can be used. When both channels
operate in CCM, two internal clocks are used
(see Figure 2). The high-side MOSFET is
turned on at the clock rising edge of the
corresponding channel.
Figure 2: 180° Out-of-Phase Operation
At low dropout, when the switching frequency is
stretched out for each channel, the MPQ2166
runs at a fixed-off time with its own independent
switching frequency. After the input voltage
rises high again, frequency stretch mode ends,
and PWM mode resumes and synchronizes
with the master oscillator for out-of-phase
operation.
Light-Load Operation
In light-load condition, the MPQ2166 can work
in two different operating modes by setting
CCM to different statuses.
The MPQ2166 works in forced continuous
conduction mode (CCM) when the CCM pin is
pulled higher than 1.6V. The MPQ2166 works
with fixed frequency from no load to full load in
this mode. The advantage of CCM is the
controllable frequency and lower output ripple
at light load.
The shutdown current in forced CCM mode
(50μA at 3.3V) is much higher than AAM mode
due to some internal circuits are active. It is
recommended to pull CCM pin LOW when part
is shutdown if the high shutdown current is
cared.
The
MPQ2166
works
in
advanced
asynchronous mode (AAM) when CCM is
pulled lower than 0.4V. AAM is used to optimize
efficiency
during
light-load
and
no-load
conditions.
When AAM mode is enabled, the MPQ2166
first enters non-synchronous operation as the
inductor current approaches zero at light load. If
the load decreases further or is at no load,
which makes the internal COMP voltage (VCOMP)
decrease to the set value, then the MPQ2166
enters AAM. In AAM, the internal clock is reset
whenever VCOMP crosses over the set value,
and the crossover time is taken as the
benchmark of the next clock. When the load
increases and VCOMP is higher than the set
value, the operation mode is in DCM or CCM,
which has a constant switching frequency.
Figure 3: AAM Mode and Forced CCM Mode
Soft Start (SS)
The MPQ2166 has a built-in soft start that
ramps up the output voltage at a controlled slew
rate, preventing an overshoot at start-up. The
soft-start time is about 0.5ms, typically.
The soft-start time can also be programmed by
an external capacitor connected to SS, shown
in Equation (1):


 

μA
I
V
V
nF
C
ms
t
SS
RFF
SS
SS
(1)
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (0.6V), and ISS is
the 3.2µA SS charge current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com