Electronic Components Datasheet Search
  English  ▼

X  

SIT8021 Datasheet(PDF) 4 Page - SiTime Corp.

Part # SIT8021
Description  1 to 26 MHz, Ultra-Small uPower Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8021 Datasheet(HTML) 4 Page - SiTime Corp.

  SIT8021 Datasheet HTML 1Page - SiTime Corp. SIT8021 Datasheet HTML 2Page - SiTime Corp. SIT8021 Datasheet HTML 3Page - SiTime Corp. SIT8021 Datasheet HTML 4Page - SiTime Corp. SIT8021 Datasheet HTML 5Page - SiTime Corp. SIT8021 Datasheet HTML 6Page - SiTime Corp. SIT8021 Datasheet HTML 7Page - SiTime Corp. SIT8021 Datasheet HTML 8Page - SiTime Corp. SIT8021 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SiT8021 1 to 26 MHz, Ultra-Small µPower Oscillator
Rev 1.2
Page 4 of 10
www.sitime.com
Block Diagram
Device Operating Modes and Outputs
The SiT8021 supports a ≤0.7 µA standby mode for battery-
powered and other power sensitive applications. The
switching between the active and standby modes is
controlled by the logic level on the ST pin as shown in the
table below.
Table 4. Operating Modes and Output States
ST Pin
MODE
OUTPUT
IDD Example
LOW
Active
Specified
frequency
60 µA @ 3.072 MHz
FLOAT
Active
with 200 k
Ω
internal pull-down
Specified
frequency
60 µA @ 3.072 MHz
HIGH
Standby
Hi-Z,
pulled-down with
1 M
Ω impedence
1.3 µA
Active Mode
The SiT8021 operates in the active mode when the ST pin
is at logic LOW or FLOAT. In the active mode, the device
uses the on-chip frequency synthesizer to generate an
output from the internal MEMS resonator reference. The
frequency of the output is factory programmed based on
the device ordering code.
Standby Mode
The SiT8021 operates in the standby mode when the ST
pin is at logic HIGH. In the standby mode, all internal
circuits with the exception of the MEMS oscillator circuit
and the ST pin detection logic are turned off to reduce
power consumption. While in standby mode, the input
impedance of the ST pin is increased to further reduce
system-level power consumption.
The output driver of the device in the standby mode is
pulled-down
with 1 MΩ impedance.
Output During Startup and Resume
The SiT8021 starts up with the output disabled. The output is
enabled once all internal circuit blocks are active, and logic
LOW or FLOAT is detected on the ST pin.
As shown in Table 4, logic HIGH at the ST pin forces the
SiT8021 into the “standby” state, causing the output to disable.
Upon pulling the ST pin LOW, the device enters the “resume”
state, keeping the output disabled. Once the “resume” state
ends, the device output enables.
The first clock pulse after startup or resume is accurate to the
rated stability.
Low Power Design Guidelines
For high EM noise environments, we recommend the following
design guidelines:
Place oscillator as far away from EM noise sources as
possible (e.g., high-voltage switching regulators, motor
drive control).
Route noisy PCB traces, such as digital data lines or high
di/dt power supply lines, away from the SiTime oscillator.
Place a solid GND plane underneath the SiTime oscillator
to shield the oscillator from noisy traces on the other
board layers.
Manufacturing Guidelines
No Ultrasonic or Megasonic Cleaning: Do not subject the
SiT8021
to
an
ultrasonic
or
megasonic
cleaning
environment. Permanent damage or long-term reliability
issues to the device may occur in such an event.
Applying board-level underfill (BLUF) to the device is
acceptable, but will cause a slight shift of few ppm in the
initial frequency tolerance. Tested with UF3810, UF3808,
and FP4530 underfill.
Reflow profile, per JESD22-A113D.
For additional manufacturing guidelines and marking/
tape-reel instructions, click on the following link:
sitime.com/component/docman/doc_download/243-
manufactuing-notes-for-sitime-oscillators
Figure 2. SiT8021 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com