Electronic Components Datasheet Search
  English  ▼

X  

SIT8021 Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT8021
Description  1 to 26 MHz, Ultra-Small uPower Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8021 Datasheet(HTML) 5 Page - SiTime Corp.

  SIT8021 Datasheet HTML 1Page - SiTime Corp. SIT8021 Datasheet HTML 2Page - SiTime Corp. SIT8021 Datasheet HTML 3Page - SiTime Corp. SIT8021 Datasheet HTML 4Page - SiTime Corp. SIT8021 Datasheet HTML 5Page - SiTime Corp. SIT8021 Datasheet HTML 6Page - SiTime Corp. SIT8021 Datasheet HTML 7Page - SiTime Corp. SIT8021 Datasheet HTML 8Page - SiTime Corp. SIT8021 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SiT8021 1 to 26 MHz, Ultra-Small µPower Oscillator
Rev 1.2
Page 5 of 10
www.sitime.com
Test Circuit and Waveform
0.01µF
Power
Supply
ST
Test
Point
15pF
(including probe
and fixture
capacitance)
VDD
OUT
GND
Figure 3. Test Circuit
80% Vdd
High Pulse
(TH)
50%
20% Vdd
Period
tf
tr
Low Pulse
(TL)
Figure 4. Waveform[4]
Note:
4.
Duty Cycle is computed as Duty Cycle = TH/Period.
Timing Diagram
Min. Operating Voltage
Vdd
VDD - Pin 4 Voltage
CLK Output
T_start
T_start: Time to valid clock output from power on
NO Glitch first cycle
Figure 5. Startup Timing[5, 6]
50% Vdd
Vdd
ST - Pin 1 Voltage
CLK Output
T_resume
T_resume: Time to valid clock output from the
time ST pin crosses 50% threshold
Figure 6. Resume Timing[5, 6]
50% Vdd
Vdd
ST – Pin 1 Voltage
CLK Output
T_Stdby: Time for output to go high-Z from the time
ST pin crosses 50% threshold
HiZ
T_Stdby
Figure 7. Standby Timing[5]
Notes:
5.
SiT8021 supports “no runt” pulses and “no glitch” output during startup or resume.
6.
SiT8021 supports gated output which is accurate within rated frequency stability from the first cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com