Electronic Components Datasheet Search
  English  ▼

X  

SIT8021 Datasheet(PDF) 10 Page - SiTime Corp.

Part # SIT8021
Description  1 to 26 MHz, Ultra-Small uPower Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8021 Datasheet(HTML) 10 Page - SiTime Corp.

Back Button SIT8021 Datasheet HTML 2Page - SiTime Corp. SIT8021 Datasheet HTML 3Page - SiTime Corp. SIT8021 Datasheet HTML 4Page - SiTime Corp. SIT8021 Datasheet HTML 5Page - SiTime Corp. SIT8021 Datasheet HTML 6Page - SiTime Corp. SIT8021 Datasheet HTML 7Page - SiTime Corp. SIT8021 Datasheet HTML 8Page - SiTime Corp. SIT8021 Datasheet HTML 9Page - SiTime Corp. SIT8021 Datasheet HTML 10Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SiT8021 1 to 26 MHz, Ultra-Small µPower Oscillator
Rev 1.2
Page 10 of 10
www.sitime.com
Table 6. Revision History
Version
Release Date
Change Summary
0.1
12/15/2014
Advance Information
0.2
1/27/2015
Updated CSP dimension tolerance
Removed 2.0 mm x 1.6 mm package
Changed to 6.144 MHz as the reference frequency for jitter, IDD and other relevant parameters
Changed resume time (max) to 5 ms
Changed the parameter PSNR to Power Supply Noise Sensitivity and specified in RMS
0.3
03/31/2015
Changed VIL and VIH values in the EC table
Reduced standby time in the EC table
Revised phase jitter condition to include power supply noise sensitivity
Removed power supply noise spec
0.9
05/22/2015
Added typical values for active and standby current
Added current consumption for additional frequencies
Changed ±50 ppm option to Contact SiTime
Added manufacturing guideline
Other miscellaneous format and footnote changes
1.0
11/18/2015
Revised initial tolerance, current consumption, standby current, input high/low voltage, input pull-down impedance,
startup/resume time and RMS period/phase jitter in Table.1
Added performance plots
1.1
02/19/2016
Added 10 Standard frequencies to the ordering information
1.11
09/16/2016
Updated the table.5 list of standard frequencies
Added a graph of Idd vs Frequency without load to the performance plots section
1.2
09/28/2017
Added 2.25 to 3.63V supply voltage option
Updated logo and company address, other page layout changes
Added package dimension table to the dimensions and patterns section
SiTime Corporation, 5451 Patrick Henry Drive, Santa Clara, CA 95054, USA | Phone: +1-408-328-4400 | Fax: +1-408-328-4439
© SiTime Corporation 2014-2017. The information contained herein is subject to change at any time without notice. SiTime assumes no responsibility or liability for any loss, damage
or defect of a Product which is caused in whole or in part by (i) use of any circuitry other than circuitry embodied in a SiTime product, (ii) misuse or abuse including static discharge, neglect
or accident, (iii) unauthorized modification or repairs which have been soldered or altered during assembly and are not capable of being tested by SiTime under its normal test conditions, or
(iv) improper installation, storage, handling, warehousing or transportation, or (v) being subjected to unusual physical, thermal, or electrical stress.
Disclaimer: SiTime makes no warranty of any kind, express or implied, with regard to this material, and specifically disclaims any and all express or implied warranties, either in fact or by
operation of law, statutory or otherwise, including the implied warranties of merchantability and fitness for use or a particular purpose, and any implied warranty arising from course of dealing or
usage of trade, as well as any common-law duties relating to accuracy or lack of negligence, with respect to this material, any SiTime product and any product documentation. Products sold by
SiTime are not suitable or intended to be used in a life support application or component, to operate nuclear facilities, or in other mission critical applications where human life may be involved
or at stake. All sales are made conditioned upon compliance with the critical uses policy set forth below.
CRITICAL USE EXCLUSION POLICY
BUYER AGREES NOT TO USE SITIME'S PRODUCTS FOR ANY APPLICATION OR IN ANY COMPONENTS USED IN LIFE SUPPORT DEVICES OR TO OPERATE NUCLEAR
FACILITIES OR FOR USE IN OTHER MISSION-CRITICAL APPLICATIONS OR COMPONENTS WHERE HUMAN LIFE OR PROPERTY MAY BE AT STAKE.
SiTime owns all rights, title and interest to the intellectual property related to SiTime's products, including any software, firmware, copyright, patent, or trademark. The sale of SiTime products does
not convey or imply any license under patent or other rights. SiTime retains the copyright and trademark rights in all documents, catalogs and plans supplied pursuant to or ancillary to the sale
of products or services by SiTime. Unless otherwise agreed to in writing by SiTime, any reproduction, modification, translation, compilation, or representation of this material shall be strictly
prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com