Electronic Components Datasheet Search
  English  ▼

X  

LCWJNSH.EC Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCWJNSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCWJNSH.EC Datasheet HTML 2Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 3Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Version 2.4
LCW JNSH.EC
Color Chromaticity Groups 7) page 23
Farbortgruppen 7) Seite 23
Chromaticity Coordinate Groups 7) page 23
Farbortgruppen 7) Seite 23
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
A5
0.4689
0.3953
6N
0.3853
0.3776
8T
0.4430
0.4138
0.4740
0.3957
0.3885
0.3882
0.4474
0.4228
0.4747
0.4047
0.3934
0.3825
0.4515
0.4168
0.4800
0.4052
0.3970
0.3935
0.4562
0.4260
A6
0.4747
0.4047
7N
0.3885
0.3882
5U
0.4373
0.3893
0.4800
0.4052
0.3916
0.3987
0.4420
0.3985
0.4805
0.4141
0.3970
0.3935
0.4428
0.3906
0.4860
0.4146
0.4006
0.4044
0.4477
0.3998
A7
0.4805
0.4141
5O
0.3890
0.3690
6U
0.4420
0.3985
0.4860
0.4146
0.3916
0.3772
0.4468
0.4077
0.4863
0.4234
0.3975
0.3731
0.4477
0.3998
0.4920
0.4239
0.4006
0.3815
0.4526
0.4090
OHA04327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
480
460
470
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
W X
V
U
T
S
R
Q
P
O
N
M
L
K
J
5
6
7
8
I
H
5
6
7
+
2016-02-04
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com