Electronic Components Datasheet Search
  English  ▼

X  

LCWJNSH.EC Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCWJNSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCWJNSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 11Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 12Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 13Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 14Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 2.4
LCW JNSH.EC
Forward Current 8) page 23 , 9) page 23
Durchlassstrom 8) Seite 23 , 9) Seite 23
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 8) page 23 , 9) page 23
Relative Lichtstärke 8) Seite 23 , 9) Seite 23
IV/IV(20 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 8) page 23
Farbortverschiebung 8) Seite 23
ΔCx, ΔCy = f(IF); TS = 25 °C
2,6 2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
20
40
60
80
100
ΙF [mA]
50
100
ΙF [mA]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ΙV
ΙV (20mA)
50
100
ΙF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx, ∆Cy
: Cx
: Cy
4000K
2016-02-04
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com