Electronic Components Datasheet Search
  English  ▼

X  

LCWJNSH.EC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCWJNSH.EC
Description  white SMT package, colored diffused silicone resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.EC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCWJNSH.EC Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 9Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 10Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 11Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 12Page - OSRAM GmbH LCWJNSH.EC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Version 2.4
LCW JNSH.EC
6L
0.3692
0.3677
6S
0.4263
0.3929
7Y
0.4703
0.4132
0.3714
0.3775
0.4305
0.4019
0.4753
0.4136
0.3773
0.3726
0.4342
0.3957
0.4758
0.4225
0.3799
0.3828
0.4386
0.4048
0.4809
0.4230
7L
0.3714
0.3775
7S
0.4305
0.4019
8Y
0.4758
0.4225
0.3736
0.3874
0.4346
0.4108
0.4809
0.4230
0.3799
0.3828
0.4386
0.4048
0.4813
0.4319
0.3826
0.3931
0.4430
0.4138
0.4866
0.4324
5M
0.3746
0.3624
8S
0.4346
0.4108
5Z
0.4639
0.3948
0.3773
0.3726
0.4387
0.4197
0.4689
0.3953
0.3822
0.3670
0.4430
0.4138
0.4696
0.4042
0.3853
0.3776
0.4474
0.4228
0.4747
0.4047
6M
0.3773
0.3726
5T
0.4298
0.3867
6Z
0.4696
0.4042
0.3799
0.3828
0.4342
0.3957
0.4747
0.4047
0.3853
0.3776
0.4373
0.3893
0.4753
0.4136
0.3885
0.3882
0.4420
0.3985
0.4805
0.4141
7M
0.3799
0.3828
6T
0.4342
0.3957
7Z
0.4753
0.4136
0.3826
0.3931
0.4386
0.4048
0.4805
0.4141
0.3885
0.3882
0.4420
0.3985
0.4809
0.4230
0.3916
0.3987
0.4468
0.4077
0.4863
0.4234
5N
0.3822
0.3670
7T
0.4386
0.4048
8Z
0.4809
0.4230
0.3853
0.3776
0.4430
0.4138
0.4863
0.4234
0.3898
0.3716
0.4468
0.4077
0.4866
0.4324
0.3934
0.3825
0.4515
0.4168
0.4922
0.4329
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2016-02-04
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com