Electronic Components Datasheet Search
  English  ▼

X  

MP2263 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2263
Description  Wide Input 3.3V - 30V, 3A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in Small 2x3mm QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2263 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2263 Datasheet HTML 10Page - Monolithic Power Systems MP2263 Datasheet HTML 11Page - Monolithic Power Systems MP2263 Datasheet HTML 12Page - Monolithic Power Systems MP2263 Datasheet HTML 13Page - Monolithic Power Systems MP2263 Datasheet HTML 14Page - Monolithic Power Systems MP2263 Datasheet HTML 15Page - Monolithic Power Systems MP2263 Datasheet HTML 16Page - Monolithic Power Systems MP2263 Datasheet HTML 17Page - Monolithic Power Systems MP2263 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP2263
– 30V, 3A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2263 Rev. 1.0
www.MonolithicPower.com
16
6/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
(9)
MP2263
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
NC
VCC
BIAS
PG
SS
12V
MODE
C1C
0.1μF
R5
100kΩ
C1B
10μF
C1A
10μF
R6
NS
R3
165kΩ
C5
1μF
C3
12nF
C7
NS
C4
1μF
R4
0Ω
L1
4.9μH
C2A
22μF
C2B
22μF
C2C
0.1μF
R7
10Ω
R1
1MΩ
R2
191kΩ
C6
5.6pF
R8
0Ω
EN
PG
5V/3A
MODE
BIAS
R9
100kΩ
2
4
6
11
15
13
12
3, 8
5
7
1
14
9
10
Figure 7: VIN = 12V, VOUT = 5V
MP2263
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
NC
VCC
BIAS
PG
SS
12V
MODE
C1C
0.1μF
R5
100kΩ
C1B
10μF
C1A
10μF
R6
NS
R3
165kΩ
C5
1μF
C3
12nF
C7
NS
C4
1μF
R4
0Ω
L1
4.7μH
C2A
22μF
C2B
22μF
C2C
0.1μF
R7
10Ω
R1
1MΩ
R2
324kΩ
C6
5.6pF
R8
0Ω
EN
PG
3.3V/3A
MODE
BIAS
R9
100kΩ
2
4
6
11
15
13
12
3, 8
5
7
1
14
9
10
Figure 8: VIN = 12V, VOUT = 3.3V
MP2263
VIN
EN
VIN
FREQ
FB
BST
VOUT
SW
NC
VCC
BIAS
PG
SS
12V
MODE
C1C
0.1μF
R5
100kΩ
C1B
10μF
C1A
10μF
R6
NS
R3
165kΩ
C5
1μF
C3
12nF
C7
NS
C4
1μF
R4
0Ω
L1
3.3μH
C2A
22μF
C2B
22μF
C2C
0.1μF
R7
10Ω
R1
1MΩ
R2
470kΩ
C6
5.6pF
R8
0Ω
EN
PG
2.5V/3A
MODE
BIAS
R9
100kΩ
2
4
6
11
15
13
12
3, 8
5
7
1
14
9
10
Figure 9: VIN = 12V, VOUT = 2.5V
TYPICAL APPLICATION CIRCUITS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com